Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1026MTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN1026MTC
Description  3.3V LVDS 2-Bit High Speed Differential Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1026MTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1026MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1026MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1026MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1026MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1026MTC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
LVDS DC Input Voltage (VIN)
−0.5V to +4.6V
LVTTL DC Input Voltage (VIN)
−0.5V to 6V
DC Output Voltage (VOUT)
−0.5V to 6V
DC Output Current (IO)16mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
10,000V
ESD (Machine Model)
600V
Supply Voltage (VCC)
3.0V to 3.6V
Magnitude of Differential Voltage
(|VID|)
100mV to VCC
Common-Mode Input Voltage (VIC)
0.05V to 2.35V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1, VIC = +0.05V, +1.2V, or 2.35V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1, VIC = +0.05V, +1.2V, or 2.35V
−100
mV
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VOH
Output HIGH Voltage
IOH = −100 µAVCC −0.2
3.29
V
IOH = −8 mA
2.4
3.1
VOL
Output LOW Voltage
IOH = 100 µA0
0.2
V
IOL = 8 mA
0.18
0.5
IOZ
Disabled Output Leakage Current
EN
= 0.8 and EN* = 2V, V
OUT = 3.6V or 0V
±20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
−0.8
V
IOS
Output Short Circuit Current
Receiver Enabled, VOUT = 0V
-15
−100
mA
(one output shorted at a time)
ICCZ
Disabled Power Supply Current
Receiver Disabled
2.6
5
mA
ICC
Power Supply Current
Receiver Enabled, (RIN+ = 1V and RIN− = 1.4V)
4.8
8.5
mA
or (RIN+ = 1.4V and RIN− = 1V)


Similar Part No. - FIN1026MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1022M FAIRCHILD-FIN1022M Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1022MTC FAIRCHILD-FIN1022MTC Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025MTC FAIRCHILD-FIN1025MTC Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results

Similar Description - FIN1026MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com