Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT85F2280 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT85F2280
Description  Standard 8051 8-Bit Flash MCU
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2280 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT85F2280 Datasheet HTML 2Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 3Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 4Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 5Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 6Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 7Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 8Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 9Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 226 page
background image
Rev. 1.00
6 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
30 Analog to Digital Converter – ADC ................................................................. 153
A/D Overview .................................................................................................................. 1��
A/D Converter Register Description ................................................................................ 1�4
A/D Converter Data Registers – ADRL� ADRH ............................................................... 1�4
A/D Converter Control Registers – ADCR0� ADCR1� ADCR�� ADPGA .......................... 1�4
A/D Operation.................................................................................................................. 1�8
A/D Converter Clock Source ........................................................................................... 1�9
A/D Input Pins ................................................................................................................. 1�9
Temperature Sensor........................................................................................................ 160
A/D Reference Voltage Source ....................................................................................... 160
Summar� of A/D Conversion Steps................................................................................. 161
A/D Conversion Timing.................................................................................................... 16�
Programming Considerations.......................................................................................... 16�
A/D Transfer Function ..................................................................................................... 16�
31 Digital to Analog Converter – DAC.................................................................. 164
DAC Register Description ............................................................................................... 164
DAC Operation................................................................................................................ 166
DAC Reference Voltage Source...................................................................................... 167
Programming Considerations.......................................................................................... 167
32 Voltage Reference Generator .......................................................................... 168
Voltage Reference Generator Operation......................................................................... 168
33 Comparators ..................................................................................................... 170
Comparator Operation..................................................................................................... 170
Comparator Registers ..................................................................................................... 171
Comparator Interrupt....................................................................................................... 176
Comparator Reset Function ............................................................................................ 176
Programming Considerations.......................................................................................... 176
34 I2C Serial Interface ............................................................................................ 177
I�C Interface Operation.................................................................................................... 177
I�C Registers ................................................................................................................... 178
I�C Bus Communication .................................................................................................. 18�
I�C Bus Start Signal.................................................................................................................... 18�
Slave Address............................................................................................................................. 18�
I�C Bus Read/Write Signal.......................................................................................................... 18�
I�C Bus Slave Address Acknowledge Signal .............................................................................. 18�
I�C Bus Data and Acknowledge Signal....................................................................................... 184
I�C Status Codes ........................................................................................................................ 18�


Similar Part No. - HT85F2280

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT85F2230 HOLTEK-HT85F2230 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2240 HOLTEK-HT85F2240 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2262 HOLTEK-HT85F2262 Datasheet
3Mb / 187P
   A/D Flash 8051 Core Low Pin Count MCU
More results

Similar Description - HT85F2280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
logo
Holtek Semiconductor In...
HT45F65 HOLTEK-HT45F65 Datasheet
9Mb / 231P
   Glucose Meter 8-Bit Flash MCU
BS83B08A-3 HOLTEK-BS83B08A-3 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
HT45F3630 HOLTEK-HT45F3630 Datasheet
7Mb / 137P
   Power Tool Controller 8-Bit Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com