Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7530-1 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7530-1
Description  100mA Low Power LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530-1 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7530-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7530-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HT75xx-1
100mA Low Power LDO
Selection Table
Part No.
Output Voltage
Package
Marking
HT7521-1
2.1V
TO92
SOT89
SOT23-5
75xx-1 (for TO92)
75xx-1 (for SOT89)
75xx-1# (for SOT89)
75xx-1+ (for SOT89)
5xx1 (for SOT23-5)
5xx1# (for SOT23-5)
5xx1+ (for SOT23-5)
HT7523-1
2.3V
HT7525-1
2.5V
HT7527-1
2.7V
HT7530-1
3.0V
HT7533-1
3.3V
HT7536-1
3.6V
HT7540-1
4.0V
HT7544-1
4.4V
HT7550-1
5.0V
HT7560-1
6.0V
HT7570-1
7.0V
HT7580-1
8.0V
HT7590-1
9.0V
HT75A0-1
10.0V
HT75C0-1
12.0V
Note:
²xx² stands for output voltages.
Both lead free and green compound devices are available. Note the symbol marks below:
²#² stands for lead free devices.
Blank and
²+² stands for green compound devices, which are Lead-free and Halogen-free.
For the TO92 package, the symbol mark will be at the end of the date code. Whereas for the SOT89 and
SOT23-5, the symbol mask will be located at the end of IC marking.
Rev. 2.20
1
April 30, 2013
Features
· Low power consumption
· Low voltage drop
· Low temperature coefficient
· High input voltage (up to 24V)
· High output current : 100mA
· Output voltage accuracy: tolerance ±3%
· TO92, SOT89 and SOT23-5 package
Applications
· Battery-powered equipment
· Communication equipment
· Audio/Video equipment
General Description
The HT75xx-1 series is a set of three-terminal high cur-
rent low voltage regulator implemented in CMOS tech-
nology. They can deliver 100mA output current and
allow an input voltage as high as 24V. They are avail-
able with several fixed output voltages ranging from
2.1V to 12.0V. CMOS technology ensures low voltage
drop and low quiescent current.
Although designed primarily as fixed voltage regulators,
these devices can be used with external components to
obtain variable voltages and currents.


Similar Part No. - HT7530-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7530-1 HOLTEK-HT7530-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
85Kb / 4P
   100mA Voltage Regulator
HT7530-1 HOLTEK-HT7530-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
More results

Similar Description - HT7530-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com