Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7523-1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7523-1
Description  100mA Low Power LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7523-1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7523-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7523-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HT7530-1,+3.0VOutputType
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
OutputVoltage
5.0V
IOUT=10mA
2.91
3.0
3.09
V
IOUT
OutputCurrent
5.0V
¾
60
100
¾
mA
DVOUT
LoadRegulation
5.0V
1mA
£IOUT£50mA
60
150
mV
VDIF
VoltageDrop(Note)
¾
IOUT=1mA,
DVOUT=2%
¾
100
¾
mV
ISS
CurrentConsumption
5.0V
Noload
¾
2.5
5.0
mA
LineRegulation
¾
4.0V
£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
InputVoltage
¾
¾
¾
¾
24
V
TemperatureCoefficient
5.0V
IOUT=10mA
-40
°C<Ta<85°C
¾
±0.45
¾
mV/
°C
Note:
Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN = VOUT+2Vwithafixedload.
HT7533-1,+3.3VOutputType
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
OutputVoltage
5.5V
IOUT=10mA
3.201
3.3
3.399
V
IOUT
OutputCurrent
5.5V
¾
60
100
¾
mA
DVOUT
LoadRegulation
5.5V
1mA
£IOUT£50mA
¾
60
150
mV
VDIF
VoltageDrop(Note)
¾
IOUT=1mA,
DVOUT=2%
¾
100
¾
mV
ISS
CurrentConsumption
5.5V
Noload
¾
2.5
5.0
mA
LineRegulation
¾
4.5V
£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
InputVoltage
¾
¾
¾
¾
24
V
TemperatureCoefficient
5.5V
IOUT=10mA
-40
°C<Ta<85°C
¾
±0.5
¾
mV/
°C
Note:
Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN = VOUT+2Vwithafixedload.
HT75xx-1
Rev.2.20
5
April30,2013
D V D E T
D T a
D V O U T
D V I N ´ V O U T
D V D E T
D T a
D V O U T
D V I N ´ V O U T


Similar Part No. - HT7523-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7523-1 HOLTEK-HT7523-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
More results

Similar Description - HT7523-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com