Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216C0G2E332J085AA Datasheet(PDF) 7 Page - TDK Electronics

Part # C3216C0G2E332J085AA
Description  C Series Commercial Grade Mid Voltage (100 to 630V)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2E332J085AA Datasheet(HTML) 7 Page - TDK Electronics

Back Button C3216C0G2E332J085AA Datasheet HTML 3Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 4Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 5Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 6Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 7Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 8Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 9Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 10Page - TDK Electronics C3216C0G2E332J085AA Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
• All specifications are subject to change without notice.
EIA CC1206 [C3216]
C0G
CH
JB
X5R
X7S
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
153
223
333
473
683
104
154
224
334
474
684
105
155
225
335
100
120
150
180
220
270
330
390
470
560
680
820
1,000
1,200
1,500
1,800
2,200
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
0.60 mm
0.85 mm
1.15 mm
1.30 mm
1.60 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (±10%), X5R (±15%), X7S (±22%)
Rated Voltage: 630V (2J), 250V (2E), 100V (2A)
Capacitance
(pF)
Code
Tolerance
J: ± 5%
K: ± 10%
M: ± 20%
Standard Thickness
Page 6
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_midvoltage_en


Similar Part No. - C3216C0G2E332J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2E332J085AA TDK-C3216C0G2E332J085AA Datasheet
187Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3216C0G2E332J085AA TDK-C3216C0G2E332J085AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3216C0G2E332J085AA TDK-C3216C0G2E332J085AA_17 Datasheet
187Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2E332J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225M TDK-C3225X7R2A225M Datasheet
132Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A101J050BA TDK-C1005CH2A101J050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A121K050BA TDK-C1005CH2A121K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A151K050BA TDK-C1005CH2A151K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A391K050BA TDK-C1005CH2A391K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A471K050BA TDK-C1005CH2A471K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A102M050BB TDK-C1005X7S2A102M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332K050BB TDK-C1005X7S2A332K050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332M050BB TDK-C1005X7S2A332M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A472M050BB TDK-C1005X7S2A472M050BB Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com