Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT66FB550 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT66FB550
Description  A/D Flash USB 8-Bit MCU with SPI
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB550 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT66FB550 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FB550 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 245 page
background image
Rev. 1.00
8
���i� 0�� �01�
Rev. 1.00
9
���i� 0�� �01�
HT66FB540/HT66FB550/HT66FB560
A/D Flash USB 8-Bit MCU with SPI
HT66FB540/HT66FB550/HT66FB560
A/D Flash USB 8-Bit MCU with SPI
• MultipleTimerModulesfortimemeasurement,inputcapture,comparematchoutputorPWM
outputorsinglepulseoutputfunction
2Compacttype10-bitTimerModule-CTM
1Standardtype10-bitTimerModule-STM
1Standardtype16-bitTimerModule-STM
• SerialInterfaceModuleswithDualSPIandI2Cinterfaces
• SingleSerialSPIInterface
• DualComparatorfunctions
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• Upto16channel12-bitresolutionA/Dconverter
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• Flashprogrammemorycanbere-programmedupto1,000,000times
• Flashprogrammemorydataretention>10years
• SupportInSystemProgramingfunction-ISP
• Widerangeofavailablepackagetypes
• Partiallockfunction
General Description
TheHT66FB540,HT66FB550andHT66FB560areFlashMemoryA/DwithUSBtype8-bithigh
performanceRISCarchitecturemicrocontrollers,designedforapplicationsthatinterfacedirectly
toanalogsignalsandwhichrequireanUSBinterface.OfferinguserstheconvenienceofFlash
Memorymulti-programmingfeatures,thesedevicesalsoincludeawiderangeoffunctionsand
features.OthermemoryincludesanareaofRAMDataMemory.
Analogfeaturesincludeamulti-channel12-bitA/Dconverteranddualcomparatorfunctions.
MultipleandextremelyflexibleTimerModulesprovidetiming,pulsegenerationandPWM
generationfunctions.Communicationwiththeoutsideworldiscateredforbyincludingfully
integratedSPI,I2CandUSBinterfacefunctions,threepopularinterfaceswhichprovidedesigners
withameansofeasycommunicationwithexternalperipheralhardware.Protectivefeaturessuchas
aninternalWatchdogTimer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellent
noiseimmunityandESDprotectionensurethatreliableoperationismaintainedinhostileelectrical
environments.Theexternalinterruptcanbetriggeredwithfallingedgesorbothfallingandrising
edges.
Afullchoiceoffouroscillatorfunctionsareprovidedincludingtwofullyintegratedsystem
oscillatorswhichrequiresnoexternalcomponentsfortheirimplementation.Theabilitytooperate
andswitchdynamicallybetweenarangeofoperatingmodesusingdifferentclocksourcesgives
userstheabilitytooptimizemicrocontrolleroperationandminimizepowerconsumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthesedeviceswillfindspecificexcellentuseinawiderangeofapplication
possibilitiessuchassensorsignalprocessing,motordriving,industrialcontrol,consumerproducts,
subsystemcontrollers,etc.
ThesedevicesarefullysupportedbytheHoltekrangeoffullyfunctionaldevelopmentand
programmingtools,providingameansforfastandefficientproductdevelopmentcycles.


Similar Part No. - HT66FB550

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB50 HOLTEK-HT66FB50 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FB50 HOLTEK-HT66FB50 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
HT66FB570 HOLTEK-HT66FB570 Datasheet
7Mb / 248P
   A/D Flash USB MCU
HT66FB572 HOLTEK-HT66FB572 Datasheet
9Mb / 288P
   USB RGB LED Flash MCU
HT66FB574 HOLTEK-HT66FB574 Datasheet
9Mb / 288P
   USB RGB LED Flash MCU
More results

Similar Description - HT66FB550

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A623R HOLTEK-HT82A623R_11 Datasheet
6Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A623R HOLTEK-HT82A623R Datasheet
1Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
HT66FB30 HOLTEK-HT66FB30 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FB570 HOLTEK-HT66FB570 Datasheet
7Mb / 248P
   A/D Flash USB MCU
HT66FB582 HOLTEK-HT66FB582 Datasheet
13Mb / 255P
   A/D Flash USB MCU
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F0172 HOLTEK-HT66F0172 Datasheet
4Mb / 115P
   Enhanced A/D Flash 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com