Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ2B2C0G1H102J050BA Datasheet(PDF) 3 Page - TDK Electronics

Part # CGJ2B2C0G1H102J050BA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ2B2C0G1H102J050BA Datasheet(HTML) 3 Page - TDK Electronics

  CGJ2B2C0G1H102J050BA Datasheet HTML 1Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 2Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 3Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 4Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 5Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 6Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 7Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 8Page - TDK Electronics CGJ2B2C0G1H102J050BA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
• All specifications are subject to change without notice.
CGJ Series
General (Up to 50V)
Type: CGJ2 [EIA CC0402], CGJ3 [EIA CC0603], CGJ4 [EIA CC0805],
CGJ5 [EIA CC1206], CGJ6 [EIA CC1210]
Features
Applications
L Body Length
W Body Width
T Body Height
B Terminal Width
G Terminal Spacing
Shape &
Dimensions
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
Terminal
2
1.00 ± 0.05 0.50 ± 0.05 0.10 min.
3
1.60 ± 0.10 0.80 ± 0.10 0.20 min.
4
2.00 ± 0.20 1.25 ± 0.20 0.20 min.
5
3.20 ± 0.20 1.60 ± 0.20 0.20 min.
6
3.20 ± 0.40 2.50 ± 0.30 0.20 min.
Code
Voltage (DC)
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
Code
Tolerance
C
± 0.25 pF
D
± 0.5 pF
J
± 5%
K
± 10%
Code
Style
A
178” Reel, 4mm Pitch
B
178” Reel, 2mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/°C
-55 to +125°C
X7R
X7S
±
± 22%
15%
-
-55 to +125°C
55 to +125°C
Part Number
Construction
CGJ • 5 • L • 2 • X7R • 1A • 106 • K • 160 • A • A
Code Thickness
050
060
080
085
115
125
160
200
230
250
0.50 mm
0.60 mm
0.80 mm
0.85 mm
1.15 mm
1.25 mm
1.60 mm
2.00 mm
2.30 mm
2.50 mm
Special Reserved Code
Code
Description
A
TDK Internal Code
Code
Thickness
B
0.50 mm
C
0.60 mm
E
0.80 mm
F
0.85 mm
H
1.15 mm
J
1.25 mm
L
1.60 mm
Thickness T Code (mm)
Symbol
Condition
1
1 × R.V.
2
2 × R.V.
3
1.5 × R.V.
4
1.2 × R.V.
Voltage Condition
for Life Test
• Highly reliable products with long lifespans.
• Reliability tests based on MIL-STD requirements.
• Guaranteed TC Bias.
• Certificate of Compliance documentation is provided for each
CGJ lot.
• UHF (Ultra High Frequency) RFID tag to allow integration with
customer RFID programs such as inventory management.
• Tamper proof seal to assist in the identification of authentic TDK
CGJ products.
• CGJ customer priority backed by TDK factory support.
The capacitance is expressed in three digit codes and in units of pico
Farads (pF). The first and second digits identify the first and second
significant figures of the capacitance. The third digit identifies the
multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF = 1μF
• Smart Meter, Smart Grid, LED Lighting
• Industrial Application, Telecom Base Station
• Solar Micro-inverters, Charging station
• Military Communication Equipment
• Class 1 & 2 Medical Equipment
• Applications that require extended life
performance
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_highreliability_general_en


Similar Part No. - CGJ2B2C0G1H102J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H102J050BA TDK-CGJ2B2C0G1H102J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ2B2C0G1H102J050BA TDK-CGJ2B2C0G1H102J050BA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ2B2C0G1H102J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com