Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVAC250-24F Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MVAC250-24F
Description  250W High Density AC-DC Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MVAC250-24F Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MVAC250-24F Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MVAC250 Series
250W High Density AC-DC Power Supply
MVAC250.A03 Page 1 of 8
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
FEATURES
3rd ed. medical and ITE safety approved
250W compact high density
3" x 5" standard footprint
High efficiency up to 94%
Remote sense
Remote On/Off, Power OK (MVAC250-xxAFx)
Universal AC input with active PFC
Less than 1U high – 1.4"
Convection cooled operation up to 170W
Isolated 12V@1A fan output
Isolated 5V@2A standby output with models
MVAC250-xxAFx
RoHS compliant
Active inrush protection
Current sharing option
DESCRIPTION
The MVAC250 series switching power supplies
utilize advanced component and circuit
technologies to deliver high efficiency. Designed
for medical, computing, communications, telecom
and other OEM applications to satisfy 1U height
design considerations, the MVAC250 Series
measures only 3.0" x 5.0" x 1.40". All models
offer universal AC input with active power factor
correction (PFC) and compliance to worldwide
safety and EMC standards.
ORDERING GUIDE
Model Number
Natural Convection Cooling
Forced Air Cooling
Main Output
(V1)
Fan Output
(V2)
Aux Output
(V3)
MVAC250-12F
170W
250W @ 250LFM
12V
12V
MVAC250-24F
24V
12V
MVAC250-48F
50V
12V
MVAC250-12AF
12V
12V
5V
MVAC250-12AFD*
12V
12V
5V
MVAC250-24AFD*
24V
12V
5V
MVAC250-48AFD*
50V
12V
5V
* Refer to page 2 for current sharing model number MVAC250-xxAFD notes.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Operating Range*
Single phase
90
115/230
264
Vac
Input Frequency
47
50/60
63
Hz
Turn-on Input Voltage
Input rising
80
90
Vac
Turn-off Input Voltage
Input falling
70
80
Input Current
90Vac input, full load all outputs
3.4
A
No Load Input Power (MVAC250-xxAFD)7 (PS_ON = OFF, 5V_Aux = 0A)
1.5
2.0
W
Inrush Current
At 264Vac, at 25°C cold start
15
Apk
Power Factor
At 230Vac, full load
0.96
*DC Input 127-300Vdc optionally available; contact your Murata salesperson.
OUTPUT CHARACTERISTICS
Model Number
Main Output
Voltage (V1)
Load Current
Maximum Load
Capacitance
Line, Load, Cross
Regulation
Typical Efficiency
@230Vac
MVAC250-12F
12V
0.4 to 20.8A
0 to 1500µF
± 1%
93%
MVAC250-24F
24V
0.2 to 10.4A
0 to 300µF
± 1%
93%
MVAC250-48F
50V
0.1 to 5.0A
0 to 82µF
± 1%
94%
MVAC250-12AF
12V
0 to 20.8A
0 to 1500uF
+-1%
93%
MVAC250-12AFD
12V @ 10.4A6
0 to 20.8A
0 to 1500µF
± 1.5%6
93%
MVAC250-24AFD
24V @ 5.2A6
0 to 10.4A
0 to 300µF
± 1.5%6
93%
MVAC250-48AFD
50V @ 2.5A6
0 to 5.0A
0 to 82µF
± 1.5%6
94%
Main Output Characteristics (all models)
Parameter
Conditions
Typ.
Max.
Units
Transient Response9
50% load step, 1A/µsec slew rate
± 5
%
Settling Time to 1% of Nominal
500
µsec
Turn On Delay
After application of input power
3
sec
Output Voltage Rise
Monotonic5
50
msec
Output Holdup
120Vac/60Hz, full load
20
Temperature Coefficient
0.02
%/°C
Ripple Voltage & Noise1
1%
Remote Sense
Compensates for up to 0.5V of lead drop with
remote sense connected. Protected against
short circuit and reverse connection.
500
mV
Auxilliary Output Characteristics (varies by model)
Auxilliary Output
Aux Output
Voltage8
Load Current
Load Capacitance
Line, Load, Cross
Regulation3
Ripple Voltage &
Noise1
Fan (V2) all models
12V
0 to 1A
0 to 220µF
± 10%
2%
Aux (V3) – MVAC250-xxAFD
5V
0 to 2A
0 to 220µF
± 5%
1%
CB
Test Certificate
and Test Report
PENDING
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
Available now at
www.murata-ps.com/en/3d/acdc.html


Similar Part No. - MVAC250-24F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MVAC250-24F MURATA-MVAC250-24F Datasheet
379Kb / 7P
   250W High Density AC/DC Power Supply
logo
Murata Power Solutions ...
MVAC250-24F MURATA-PS-MVAC250-24F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24F MURATA-PS-MVAC250-24F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24F MURATA-PS-MVAC250-24F Datasheet
442Kb / 9P
   250 Watt Silicon Type Metal Package Power Transistor
More results

Similar Description - MVAC250-24F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250 Datasheet
379Kb / 7P
   250W High Density AC/DC Power Supply
logo
Murata Power Solutions ...
MVAC250-12F MURATA-PS-MVAC250-12F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48F MURATA-PS-MVAC250-48F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFD MURATA-PS-MVAC250-24AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFT MURATA-PS-MVAC250-24AFT Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48AFD MURATA-PS-MVAC250-48AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
logo
BOSER Technology Co., L...
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
   250W AC-DC AT Power Supply
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
   250W AC-DC AT Power Supply
logo
Murata Power Solutions ...
MVAD065 MURATA-PS-MVAD065 Datasheet
300Kb / 5P
   65W High Density AC/DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com