Electronic Components Datasheet Search |
|
CKG45KX7S1H475K290JH Datasheet(PDF) 9 Page - TDK Electronics |
|
CKG45KX7S1H475K290JH Datasheet(HTML) 9 Page - TDK Electronics |
9 / 10 page Capacitance Range Table Capacitance Size Thickness (mm) Capacitance Tolerance TDK Part Number Rated Voltage Edc: 100V Rated Voltage Edc: 50V Rated Voltage Edc: 25V Rated Voltage Edc: 16V 3.3 F 3225 3.35 ± 0.10 ± 10% CKG32KX7S2A335K335AH ± 20% CKG32KX7S2A335M335AH 4532 2.90 ± 0.10 ± 10% CKG45KX7S2A335K290JH ± 20% CKG45KX7S2A335M290JH 4.7 F 3225 3.35 ± 0.10 ± 10% CKG32KX7S2A475K335AH CKG32KX7S1H475K335AH ± 20% CKG32KX7S2A475M335AH CKG32KX7S1H475M335AH 4532 2.90 ± 0.10 ± 10% CKG45KX7S2A475K290JH CKG45KX7S1H475K290JH ± 20% CKG45KX7S2A475M290JH CKG45KX7S1H475M290JH 6.8 F 3225 3.35 ± 0.10 ± 10% CKG32KX7S1H685K335AH ± 20% CKG32KX7S1H685M335AH 4532 5.00 ± 0.50 ± 20% CKG45NX7S2A685M500JH 5750 3.35 ± 0.15 ± 10% CKG57KX7S2A685K335JH ± 20% CKG57KX7S2A685M335JH 10 F 3225 3.35 ± 0.10 ± 10% CKG32KX7S1H106K335AH ± 20% CKG32KX7S1H106M335AH 4532 5.00 ± 0.50 ± 20% CKG45NX7S2A106M500JH CKG45NX7S1H106M500JH 5750 3.35 ± 0.15 ± 10% CKG57KX7S2A106K335JH CKG57KX7S1H106K335JH ± 20% CKG57KX7S2A106M335JH CKG57KX7S1H106M335JH 15 F 5750 3.35 ± 0.15 ± 20% CKG57KX7S2A156M335JH 22 F 4532 2.90 ± 0.10 ± 20% CKG45KX7S1C226M290JH 5750 5.00 ± 0.50 ± 20% CKG57NX7S2A226M500JH CKG57NX7S1H226M500JH 47 F 4532 5.00 ± 0.50 ± 20% CKG45NX7S1C476M500JH 5750 3.35 ± 0.15 ± 20% CKG57KX7S1C476M335JH 5.00 ± 0.50 ± 20% CKG57NX7S1E476M500JH 100 F 5750 5.00 ± 0.50 ± 20% CKG57NX7S1C107M500JH Class 2 (Temperature Stable) Temperature Characteristics: X7S (-55 to +125ºC, ±22%) Capacitance Size Thickness (mm) Capacitance Tolerance TDK Part Number Rated Voltage Edc: 100V Rated Voltage Edc: 50V Rated Voltage Edc: 25V Rated Voltage Edc: 16V 4.7 F 3225 3.35 ± 0.10 ± 10% CKG32KX7R1E475K335AH ± 20% CKG32KX7R1E475M335AH 4532 2.90 ± 0.10 ± 10% CKG45KX7R1E475K290JH ± 20% CKG45KX7R1E475M290JH 5.00 ± 0.50 ± 20% CKG45NX7R2A475M500JH 5750 3.35 ± 0.15 ± 10% CKG57KX7R2A475K335JH CKG57KX7R1H475K335JH ± 20% CKG57KX7R2A475M335JH CKG57KX7R1H475M335JH 5.00 ± 0.50 ± 20% CKG57NX7R2A475M500JH 6.8 F 4532 5.00 ± 0.50 ± 20% CKG45NX7R1H685M500JH 10 F 3225 3.35 ± 0.10 ± 10% CKG32KX7R1E106K335AH ± 20% CKG32KX7R1E106M335AH 4532 2.90 ± 0.10 ± 10% CKG45KX7R1C106K290JH ± 20% CKG45KX7R1C106M290JH 5.00 ± 0.50 ± 20% CKG45NX7R1E106M500JH 5750 3.35 ± 0.15 ± 10% CKG57KX7R1E106K335JH ± 20% CKG57KX7R1E106M335JH 5.00 ± 0.50 ± 20% CKG57NX7R2A106M500JH CKG57NX7R1H106M500JH 15 F 5750 3.35 ± 0.15 ± 20% CKG57KX7R1C156M335JH 22 F 4532 2.90 ± 0.10 ± 20% CKG45KX7R1C226M290JH 5.00 ± 0.50 ± 20% CKG45NX7R1C226M500JH 5750 3.35 ± 0.15 ± 20% CKG57KX7R1E226M335JH 5.00 ± 0.50 ± 20% CKG57NX7R1E226M500JH 33 F 5750 5.00 ± 0.50 ± 20% CKG57NX7R1C336M500JH Class 2 (Temperature Stable) Temperature Characteristics: X7R (-55 to +125ºC, ±15%) Page 8 MULTILAYER CERAMIC CHIP CAPACITORS 002-01 / 20130328 / mlcc_commercial_megacap_en • All specifications are subject to change without notice. |
Similar Part No. - CKG45KX7S1H475K290JH |
|
Similar Description - CKG45KX7S1H475K290JH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |