Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCL44X5R1H471M085AA Datasheet(PDF) 4 Page - TDK Electronics

Part # CKCL44X5R1H471M085AA
Description  CKC Series Commercial Grade 4 in 1 Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKCL44X5R1H471M085AA Datasheet(HTML) 4 Page - TDK Electronics

  CKCL44X5R1H471M085AA Datasheet HTML 1Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 2Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 3Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 4Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 5Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 6Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 7Page - TDK Electronics CKCL44X5R1H471M085AA Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
• All specifications are subject to change without notice.
CKCL44(C2012) [EIA CC0805]
C0G
CH
JB
1H
(50V)
1H
(50V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
10
15
22
33
47
68
100
150
220
470
1,000
2,200
4,700
10,000
22,000
47,000
100,000
100
150
220
330
470
680
101
151
221
471
102
222
472
103
223
473
104
F: ± 1pF
K: ± 10%
X5R
X7R
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
221
471
102
222
472
103
223
473
104
220
470
1,000
2,200
4,700
10,000
22,000
47,000
100,000
M: ± 20%
0.85 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (± 10%), X5R (± 15%), X7R (± 15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_4array_en


Similar Part No. - CKCL44X5R1H471M085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCL44X5R1H471M085AA TDK-CKCL44X5R1H471M085AA_16 Datasheet
206Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCL44X5R1H471M085AA

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CKCL22X7R1H103M SAMWHA-CKCL22X7R1H103M Datasheet
738Kb / 10P
   CKC Series Commercial Grade 2 in 1 Array
logo
KODENSHI_AUK CORP.
ND102M4AL KODENSHI-ND102M4AL Datasheet
186Kb / 5P
   Antenna Switching Diode Array ( 4 in 1)
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Kemet Corporation
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com