Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL60N170D Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGL60N170D
Description  Electrical Characteristics of IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL60N170D Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGL60N170D Datasheet HTML 1Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 2Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 3Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 4Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 5Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 6Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 7Page - Fairchild Semiconductor FGL60N170D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
FGL60N170D Rev. B
Fig 1. Typical Output Chacracteristics
Fig 2. Typical Saturation Voltage Characteristics
Fig 3. Collector to Emitter Saturation
Voltage vs. Case Temperature
Fig 4. Typical Capacitance vs.
Collector to Emitter Voltage
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
02468
0
20
40
60
80
100
20V
15V
10V
8V
V
GE = 6V
Common Emitter
T
C = 25
oC
Collector - Emitter Voltage, V
CE [V]
02
468
10
0
20
40
60
80
100
120
Common Emitter
V
GE = 15V
T
C =
25
oC
T
C = 125
oC
Collector - Emitter Voltage, V
CE [V]
25
50
75
100
125
150
2
3
4
5
6
7
I
C= 60A
I
C
= 80A
Common Emitter
V
GE = 15V
I
C = 30A
Case Temperature, T
C [
o
C]
110
0
1000
2000
3000
4000
5000
Common Emitter
V
GE=0V, f=1MHz
T
C=25
o
C
Cies
Coes
Cres
Collector - Emitter Voltage, V
CE [V]
04
8
12
16
20
0
4
8
12
16
20
60A
Common Emitter
T
C=25
oC
80A
30A
Gate - Emitter Voltage, V
GE [V ]
04
8
12
16
20
0
4
8
12
16
20
60A
Common Emitter
T
C=125
oC
80A
30A
Gate - Emitter Voltage, V
GE [V]


Similar Part No. - FGL60N170D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
682Kb / 7P
   NPT-Trench IGBT
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
FGL60N100BNTDTU FAIRCHILD-FGL60N100BNTDTU Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
More results

Similar Description - FGL60N170D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
   Electrical Characteristics of the IGBT
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com