Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL60N100D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGL60N100D
Description  Electrical Characteristics of IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL60N100D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGL60N100D Datasheet HTML 1Page - Fairchild Semiconductor FGL60N100D Datasheet HTML 2Page - Fairchild Semiconductor FGL60N100D Datasheet HTML 3Page - Fairchild Semiconductor FGL60N100D Datasheet HTML 4Page - Fairchild Semiconductor FGL60N100D Datasheet HTML 5Page - Fairchild Semiconductor FGL60N100D Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FGL60N100D Rev. A
©2002 Fairchild Semiconductor Corporation
Electrical Characteristics of IGBT T
C = 25°C unless otherwise noted
Electrical Characteristics of DIODE T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
ICES
Collector Cut-Off Current
VCE = 1000V, VGE = 0V
--
--
1.0
mA
IGES
G-E Leakage Current
VGE = ± 25, VCE = 0V
--
--
± 500
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 60mA, VCE = VGE
4.0
5.0
7.0
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 10A,
VGE = 15V
--
1.6
2.0
V
IC = 60A,
VGE = 15V
--
2.5
2.9
V
Dynamic Characteristics
Cies
Input Capacitance
VCE=10V, VGE = 0V,
f = 1MHz
--
6300
--
pF
Coes
Output Capacitance
--
160
--
pF
Cres
Reverse Transfer Capacitance
--
140
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 600V, IC = 60A,
RG = 51Ω, VGE=15V,
Resistive Load, TC = 25°C
--
160
400
ns
tr
Rise Time
--
360
700
ns
td(off)
Turn-Off Delay Time
--
410
700
ns
tf
Fall Time
--
240
330
ns
Qg
Total Gate Charge
VCE = 600 V, IC = 60A,
VGE = 15V
--
230
300
nC
Qge
Gate-Emitter Charge
--
45
--
nC
Qgc
Gate-Collector Charge
--
80
--
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 15A
--
1.2
1.7
V
IF = 60A
--
1.8
2.1
V
trr
Diode Reverse Recovery Time
IF = 60A di/dt = -20A/us
1.2
1.5
us
IR
Instantaneous Reverse Current
VRRM = 1000V
--
0.05
2
uA


Similar Part No. - FGL60N100D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
682Kb / 7P
   NPT-Trench IGBT
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
FGL60N100BNTDTU FAIRCHILD-FGL60N100BNTDTU Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
More results

Similar Description - FGL60N100D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
   Electrical Characteristics of the IGBT
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com