Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCA43C0G1H101K100AA Datasheet(PDF) 3 Page - TDK Electronics

Part # CKCA43C0G1H101K100AA
Description  CKC Series Commercial Grade 4 in 1 Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKCA43C0G1H101K100AA Datasheet(HTML) 3 Page - TDK Electronics

  CKCA43C0G1H101K100AA Datasheet HTML 1Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 2Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 3Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 4Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 5Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 6Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 7Page - TDK Electronics CKCA43C0G1H101K100AA Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
• All specifications are subject to change without notice.
CKC Series
4in1 Array Capacitors
Type: CKCL44 [EIA CC0805], CKCA43 [EIA CC1206]
• Cellular telephone interface
• Interface cable circuit
• PC and peripherals
• CPU bus line
• High frequency circuit
• Noise bypass circuit
L
Body Length
W Body Width
T
Body Height
C Terminal Width
P
Terminal Spacing
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
L44
2.00 ± 0.15
1.25 ± 0.15
A43
3.20 ± 0.20
1.60 ± 0.15
Code
Voltage (DC)
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
Code
Tolerance
F
± 1pF
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/°C
-55 to +125°C
CH
0±60 ppm/°C
-25 to +85°C
JB
±10%
-25 to +85°C
X5R
±15%
-55 to +85°C
X7R
±15%
-55 to +125°C
Part Number
Construction
CKC • A43 • X5R • 0J • 105 • M • 100 • A • A
Code
Thickness
085
0.85 mm
100
1.00 mm
Special Reserved Code
Code
Description
A
TDK Internal Code
Shape &
Dimensions
Features
Applications
PC Board
Pattern
Dimensions in mm
CKCL44
CKCA43
The capacitance is expressed in three digit codes and in units of pico
Farads (pF). The first and second digits identify the first and second
significant figures of the capacitance. The third digit identifies the
multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF = 1μF
• Multiple capacitors are fitted in a single product, contribut-
ing to reduced installation costs.
• The electrostatic capacity range and shape are designed to
meet the demands of the cellular phone market.
• Unique electrode construction reduces crosstalk.
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_4array_en


Similar Part No. - CKCA43C0G1H101K100AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43C0G1H101K100AA TDK-CKCA43C0G1H101K100AA_16 Datasheet
180Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCA43C0G1H101K100AA

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CKCL22X7R1H103M SAMWHA-CKCL22X7R1H103M Datasheet
738Kb / 10P
   CKC Series Commercial Grade 2 in 1 Array
logo
KODENSHI_AUK CORP.
ND102M4AL KODENSHI-ND102M4AL Datasheet
186Kb / 5P
   Antenna Switching Diode Array ( 4 in 1)
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Kemet Corporation
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com