Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPZ1608Y600B Datasheet(PDF) 7 Page - TDK Electronics

Part # MPZ1608Y600B
Description  Chip Beads For power line MPZ series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ1608Y600B Datasheet(HTML) 7 Page - TDK Electronics

Back Button MPZ1608Y600B Datasheet HTML 3Page - TDK Electronics MPZ1608Y600B Datasheet HTML 4Page - TDK Electronics MPZ1608Y600B Datasheet HTML 5Page - TDK Electronics MPZ1608Y600B Datasheet HTML 6Page - TDK Electronics MPZ1608Y600B Datasheet HTML 7Page - TDK Electronics MPZ1608Y600B Datasheet HTML 8Page - TDK Electronics MPZ1608Y600B Datasheet HTML 9Page - TDK Electronics MPZ1608Y600B Datasheet HTML 10Page - TDK Electronics MPZ1608Y600B Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
• All specifications are subject to change without notice.
(6/12)
001-08 / 20120925 / e9413_mpz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
1 Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
2 Please refer to the graph of RATED CURRENT vs. TEMPERATURE
CHARACTERISTICS(DERATING) about the rating current at 85°C or
more in temperature of the product.
RATED CURRENT vs. TEMPERATURE CHARACTERISTICS
(DERATING)
Thickness(T)
Weight
0.6±0.15mm
3mg
0.8±0.15mm
4mg
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C(After mount)
Packaging style
Quantity
Taping
4000 pieces/reel
1.6±0.15
0.3±0.2
0.3±0.2
0.8
0.6
0.6
Dimensions in mm
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
)[100MHz]1
DC resistance
(
)max.
Rated current2
(A)max.
Thickness
T(mm)
MPZ1608B471A 470±25%
0.150
1.0
0.8
MPZ1608S300A 30±10
0.010
5.0
0.6
MPZ1608S600A 60±25%
0.020
3.5
0.6
MPZ1608S101A 100±25%
0.030
3.0
0.6
MPZ1608S121A 120±25%
0.045
2.0
0.6
MPZ1608S181A 180±25%
0.050
2.0
0.6
MPZ1608S221A 220±25%
0.050
2.2
0.8
MPZ1608S331A 330±25%
0.080
1.7
0.8
MPZ1608R391A 390±25%
0.120
1.2
0.8
MPZ1608S471A 470±25%
0.150
1.0
0.8
MPZ1608S601A 600±25%
0.150
1.0
0.8
MPZ1608S102A 1000±25%
0.300
0.8
0.8
MPZ1608Y600B 60±25%
0.030
2.3
0.8
MPZ1608Y101B 100±25%
0.040
2.0
0.8
MPZ1608Y151B 150±25%
0.050
1.8
0.8
MPZ1608Y221B 220±25%
0.100
1.5
0.8
MPZ1608D300B 30±10
0.060
1.8
0.8
MPZ1608D600B 60±25%
0.100
1.2
0.8
MPZ1608D101B 100±25%
0.150
1.0
0.8
0
1
2
3
4
5
6
–55 –35
–15
5
25
45
65
85
105
125
Temperature(˚C)
S300A
S600A
S101A
Y600B
B471A,S471A,S601A,D101B
S102A
Y221B
S331A
R391A,D600B
S221A
Y151B,D300B
S121A,S181A,Y101B


Similar Part No. - MPZ1608Y600B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1608Y600B TDK-MPZ1608Y600B Datasheet
47Kb / 2P
   EMI countermeasure product for power line
MPZ1608Y600BT TDK-MPZ1608Y600BT Datasheet
47Kb / 2P
   EMI countermeasure product for power line
MPZ1608Y600BTA00 TDK-MPZ1608Y600BTA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ1608Y600BTD25 TDK-MPZ1608Y600BTD25 Datasheet
307Kb / 7P
   Chip beads For power line MPZ series (for automotive)
20190423
More results

Similar Description - MPZ1608Y600B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1608 TDK-MPZ1608_V01 Datasheet
307Kb / 7P
   Chip beads For power line MPZ series (for automotive)
20190423
MPZ2520 TDK-MPZ2520 Datasheet
176Kb / 4P
   Chip beads For power line MPZ series (for automotive)
20221025
MPZ1005 TDK-MPZ1005_V01 Datasheet
244Kb / 4P
   Chip beads For power line MPZ series (for automotive)
20190423
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com