Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ0603Y471C Datasheet(PDF) 2 Page - TDK Electronics

Part # MMZ0603Y471C
Description  Chip Beads For signal line MMZ series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ0603Y471C Datasheet(HTML) 2 Page - TDK Electronics

  MMZ0603Y471C Datasheet HTML 1Page - TDK Electronics MMZ0603Y471C Datasheet HTML 2Page - TDK Electronics MMZ0603Y471C Datasheet HTML 3Page - TDK Electronics MMZ0603Y471C Datasheet HTML 4Page - TDK Electronics MMZ0603Y471C Datasheet HTML 5Page - TDK Electronics MMZ0603Y471C Datasheet HTML 6Page - TDK Electronics MMZ0603Y471C Datasheet HTML 7Page - TDK Electronics MMZ0603Y471C Datasheet HTML 8Page - TDK Electronics MMZ0603Y471C Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
• All specifications are subject to change without notice.
(1/28)
002-01 / 20130301 / e9412_mmz
Chip Beads
For Signal Line
MMZ Series MMZ0402
FEATURES
• It is super small size(L0.4
W0.2T0.2mm).
• It prevents radiated noise from high-speed signal lines.
• Maintain impedance to high frequency band.
• Because it adopts silver in internal electrode, it is low DC
resistance.
• Because it is not generate of cross talk with closed magnetic cir-
cuit structural design, high density assembly is possible.
• It is a product conforming to RoHS directive.
APPLICATIONS
Removal of signal line noises of cellular phones, portable audio
players, various modules, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Type name
(4) Impedance
121:120
 at 100MHz
(5) Characteristic type
(6) Packaging style
T: Taping
(7) TDK internal code
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16197 or equivalent
Test temperature: 25±10°C
Conformity to RoHS Directive
MMZ 0402
S 121 C
T
(1)
(2)
(3) (4) (5) (6)
(7)
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C(After mount)
Packaging style
Quantity
Taping
20000 pieces/reel
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(mA)max.
MMZ0402S100C
10±5
0.10
500
MMZ0402S700C
70±25%
0.45
260
MMZ0402S121C
120±25%
0.70
210
MMZ0402S151C
150±25%
0.70
200
0.4
±0.02
0.08 to 0.14
Weight: 0.08mg
Dimensions in mm
0.2
0.15 to 0.2
0.15 to 0.2
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MMZ0603Y471C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603Y471C TDK-MMZ0603Y471C Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ0603Y471CT000 TDK-MMZ0603Y471CT000 Datasheet
158Kb / 3P
   Chip Beads
MMZ0603Y471CTD25 TDK-MMZ0603Y471CTD25 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results

Similar Description - MMZ0603Y471C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com