Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ0603Y750C Datasheet(PDF) 7 Page - TDK Electronics

Part # MMZ0603Y750C
Description  Chip Beads For signal line MMZ series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ0603Y750C Datasheet(HTML) 7 Page - TDK Electronics

Back Button MMZ0603Y750C Datasheet HTML 3Page - TDK Electronics MMZ0603Y750C Datasheet HTML 4Page - TDK Electronics MMZ0603Y750C Datasheet HTML 5Page - TDK Electronics MMZ0603Y750C Datasheet HTML 6Page - TDK Electronics MMZ0603Y750C Datasheet HTML 7Page - TDK Electronics MMZ0603Y750C Datasheet HTML 8Page - TDK Electronics MMZ0603Y750C Datasheet HTML 9Page - TDK Electronics MMZ0603Y750C Datasheet HTML 10Page - TDK Electronics MMZ0603Y750C Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
• All specifications are subject to change without notice.
(6/28)
002-01 / 20130301 / e9412_mmz
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ0603D330C
MMZ0603D470C
MMZ0603D560C
MMZ0603D800C
MMZ0603D121C
MMZ0603F100C
MMZ0603F220C
MMZ0603F330C
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
1
10
100
1000
10000
Frequency(MHz)
0
100
200
300
400
500
600
700
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
0
100
200
300
400
500
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
10000
Frequency(MHz)
0
Z
X
R
50
100
150
200
250
300
1
10
100
1000
10000
Frequency(MHz)
0
100
200
300
400
500
600
700
800
900
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
0
100
200
300
400
500
600
700
800
900
1000
1
10
100
1000
10000
Frequency(MHz)
0
100
200
300
400
500
600
700
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
0
200
400
600
800
1000
1200
Z
X
R
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0
±0.1
2.0
±0.05
2.0
±0.05
Sprocket hole
Cavity
1.5
+0.1
–0.0
0.5max.
0.38
±0.05
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm


Similar Part No. - MMZ0603Y750C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603Y750CT000 TDK-MMZ0603Y750CT000 Datasheet
153Kb / 3P
   Chip Beads
MMZ0603Y750CTD25 TDK-MMZ0603Y750CTD25 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results

Similar Description - MMZ0603Y750C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com