Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPZ1608S600A Datasheet(PDF) 4 Page - TDK Electronics

Part # MPZ1608S600A
Description  Chip Beads For power line MPZ series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ1608S600A Datasheet(HTML) 4 Page - TDK Electronics

  MPZ1608S600A Datasheet HTML 1Page - TDK Electronics MPZ1608S600A Datasheet HTML 2Page - TDK Electronics MPZ1608S600A Datasheet HTML 3Page - TDK Electronics MPZ1608S600A Datasheet HTML 4Page - TDK Electronics MPZ1608S600A Datasheet HTML 5Page - TDK Electronics MPZ1608S600A Datasheet HTML 6Page - TDK Electronics MPZ1608S600A Datasheet HTML 7Page - TDK Electronics MPZ1608S600A Datasheet HTML 8Page - TDK Electronics MPZ1608S600A Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
• All specifications are subject to change without notice.
(3/12)
001-08 / 20120925 / e9413_mpz
Chip Beads
For Power Line
MPZ Series MPZ1005
FEATURES
• TDK has manufactured MPZ1005 type as EMI countermeasure
product for power line.
• This type is the best for energy-saving in the low DC resistance.
• No cross talk with closed magnetic circuit structural design.
• It is a product conforming to RoHS directive.
APPLICATIONS
Removal of power line noises of cellular phones, PCs, note PCs,
TVs, TV tuners, STBs, audio players, DVDs, DSCs, DVCs, game
machines, digital photo frames, car navigation system, PNDs, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Type name
(4) Impedance
121: 120
 at 100MHz
(5) Characteristic type
(6) Packaging style
T:Taping(reel)
(7) TDK internal code
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
Conformity to RoHS Directive
MPZ 1005
S 121 C
T
(1)
(2)
(3) (4) (5) (6)
(7)
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C(After mount)
Packaging style
Quantity
Taping
10000 pieces/reel
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(A)max.
MPZ1005S100C
10±5
0.025
2.0
MPZ1005S300C
30±10
0.035
1.7
MPZ1005S600C
60±25%
0.060
1.5
MPZ1005S121C
120±25%
0.090
1.2
MPZ1005Y900C
90±25%
0.100
1.2
0.1min.
1
±0.05
0.4
0.5
0.5
Weight: 1mg
Dimensions in mm
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MPZ1608S600A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1608S600A TDK-MPZ1608S600A Datasheet
47Kb / 2P
   EMI countermeasure product for power line
MPZ1608S600AT TDK-MPZ1608S600AT Datasheet
47Kb / 2P
   EMI countermeasure product for power line
MPZ1608S600ATAH0 TDK-MPZ1608S600ATAH0 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ1608S600ATDH5 TDK-MPZ1608S600ATDH5 Datasheet
307Kb / 7P
   Chip beads For power line MPZ series (for automotive)
20190423
More results

Similar Description - MPZ1608S600A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1608 TDK-MPZ1608_V01 Datasheet
307Kb / 7P
   Chip beads For power line MPZ series (for automotive)
20190423
MPZ2520 TDK-MPZ2520 Datasheet
176Kb / 4P
   Chip beads For power line MPZ series (for automotive)
20221025
MPZ1005 TDK-MPZ1005_V01 Datasheet
244Kb / 4P
   Chip beads For power line MPZ series (for automotive)
20190423
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com