Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVR-M14A2C240MB600N Datasheet(PDF) 7 Page - TDK Electronics

Part # AVR-M14A2C240MB600N
Description  Chip Varistors Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M14A2C240MB600N Datasheet(HTML) 7 Page - TDK Electronics

Back Button AVR-M14A2C240MB600N Datasheet HTML 3Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 4Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 5Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 6Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 7Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 8Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 9Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 10Page - TDK Electronics AVR-M14A2C240MB600N Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
(6/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
CURRENT vs. VOLTAGE CHARACTERISTICS
TRANSMISSION CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
CAPACITANCE vs. FREQUENCY CHARACTERISTICS
V1mA:8V
V1mA:12V
V1mA:18V
V1mA:22V
V1mA:27V
010
20
30
40
Voltage(V)
100
10–1
10–2
10–3
10–4
10–5
10–6
10–7
30pF
15pF
6.8pF
3.3pF
1050pF
650pF
400pF
160pF
1
10
100
1000
10000
Frequency(MHz)
10
20
30
40
50
60
10
0
1
10
100
1000
10000
Frequency(MHz)
1000
10000
100
10
1
0.1
0.01
30pF
15pF 6.8pF 3.3pF
1050pF
650pF
400pF
160pF
10000
1
10
100
1000
10000
Frequency(MHz)
1000
10000
100
10
1
1050pF
650pF
400pF
160pF
30pF
15pF
3.3pF
6.8pF


Similar Part No. - AVR-M14A2C240MB600N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M14A2C240M TDK-AVR-M14A2C240M Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
More results

Similar Description - AVR-M14A2C240MB600N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
logo
TDK Electronics
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
TDK Electronics
AVR TDK-AVR Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com