Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF1608C150KT Datasheet(PDF) 9 Page - TDK Electronics

Part # MLF1608C150KT
Description  Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608C150KT Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLF1608C150KT Datasheet HTML 2Page - TDK Electronics MLF1608C150KT Datasheet HTML 3Page - TDK Electronics MLF1608C150KT Datasheet HTML 4Page - TDK Electronics MLF1608C150KT Datasheet HTML 5Page - TDK Electronics MLF1608C150KT Datasheet HTML 6Page - TDK Electronics MLF1608C150KT Datasheet HTML 7Page - TDK Electronics MLF1608C150KT Datasheet HTML 8Page - TDK Electronics MLF1608C150KT Datasheet HTML 9Page - TDK Electronics MLF1608C150KT Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
• All specifications are subject to change without notice.
(8/9)
001-05 / 20111129 / e511_mlf_02
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
47N means for 47nH (0.047µH).
• Test equipment
Inductance, Q: Ag4294A-16034G
Inductance
(µH)
Inductance
tolerance
Q
Test
frequency
L, Q (MHz)
Test
current
L, Q (mA)
Self-resonant
frequency (MHz)
DC resistance
(
Ω )
Rated
current
(mA)max.
Thickness
T
(mm)
Part No.
min. typ.
min.
typ.
max.
typ.
0.047
±20%
15
25
50
1.0
550
700
0.10
0.05
300
0.85
MLF2012D47NMT
0.068
±20%
15
25
50
1.0
500
600
0.15
0.08
300
0.85
MLF2012D68NMT
0.082
±20%
15
25
50
1.0
450
550
0.15
0.08
300
0.85
MLF2012D82NMT
0.1
±10%
20
30
25
1.0
400
500
0.15
0.10
300
0.85
MLF2012DR10KT
0.12
±10%
20
30
25
1.0
360
450
0.20
0.12
300
0.85
MLF2012DR12KT
0.15
±10%
20
30
25
1.0
320
410
0.20
0.13
300
0.85
MLF2012DR15KT
0.18
±10%
20
30
25
1.0
280
370
0.25
0.15
300
0.85
MLF2012DR18KT
0.22
±10%
20
30
25
1.0
250
330
0.30
0.16
250
0.85
MLF2012DR22KT
0.27
±10%
20
30
25
1.0
220
300
0.35
0.18
250
0.85
MLF2012DR27KT
0.33
±10%
20
30
25
1.0
200
270
0.40
0.23
250
0.85
MLF2012DR33KT
0.39
±10%
25
35
25
1.0
180
250
0.45
0.25
200
0.85
MLF2012DR39KT
0.47
±10%
25
35
25
1.0
160
230
0.50
0.25
200
1.25
MLF2012DR47KT
0.56
±10%
25
35
25
1.0
150
210
0.55
0.30
150
1.25
MLF2012DR56KT
0.68
±10%
25
35
25
1.0
140
190
0.60
0.35
150
1.25
MLF2012DR68KT
0.82
±10%
25
35
25
1.0
130
170
0.65
0.40
150
1.25
MLF2012DR82KT
1
±10%
45
55
10
1.0
120
160
0.30
0.15
80
0.85
MLF2012A1R0KT
1.2
±10%
45
55
10
1.0
110
150
0.35
0.15
80
0.85
MLF2012A1R2KT
1.5
±10%
45
60
10
1.0
100
140
0.40
0.18
80
0.85
MLF2012A1R5KT
1.8
±10%
45
60
10
1.0
90
130
0.45
0.20
80
0.85
MLF2012A1R8KT
2.2
±10%
45
60
10
1.0
80
120
0.50
0.22
50
0.85
MLF2012A2R2KT
2.7
±10%
45
70
10
1.0
70
100
0.55
0.25
50
1.25
MLF2012A2R7KT
3.3
±10%
45
70
10
1.0
60
90
0.60
0.28
50
1.25
MLF2012A3R3KT
3.9
±10%
45
70
10
1.0
55
80
0.65
0.30
30
1.25
MLF2012A3R9KT
4.7
±10%
45
70
10
1.0
50
70
0.70
0.35
30
1.25
MLF2012A4R7KT
5.6
±10%
50
75
4
0.1
45
65
0.60
0.30
15
1.25
MLF2012E5R6KT
6.8
±10%
50
75
4
0.1
40
60
0.65
0.32
15
1.25
MLF2012E6R8KT
8.2
±10%
50
75
4
0.1
35
55
0.70
0.35
15
1.25
MLF2012E8R2KT
10
±10%
50
75
2
0.1
30
50
0.80
0.40
15
1.25
MLF2012E100KT
12
±10%
50
75
2
0.1
25
45
0.90
0.50
15
1.25
MLF2012E120KT
15
±10%
30
45
1
0.1
22
40
0.70
0.35
5
1.25
MLF2012C150KT
18
±10%
30
45
1
0.1
20
38
0.80
0.38
5
1.25
MLF2012C180KT
22
±10%
30
45
1
0.1
18
35
0.90
0.45
5
1.25
MLF2012C220KT
27
±10%
30
45
1
0.1
17
33
1.00
0.50
5
1.25
MLF2012C270KT
33
±10%
30
45
0.4
0.1
15
28
1.10
0.55
5
1.25
MLF2012C330KT
39
±10%
35
55
2
0.1
13
23
2.40
1.30
4
1.25
MLF2012K390KT
47
±10%
35
55
2
0.1
11
20
2.70
1.60
4
1.25
MLF2012K470KT
56
±10%
35
55
2
0.1
10
18
2.80
1.80
4
1.25
MLF2012K560KT
68
±10%
25
45
1
0.1
9
16
2.90
2.00
2
1.25
MLF2012C680KT
82
±10%
25
45
1
0.1
8
14
3.00
2.40
2
1.25
MLF2012C820KT
100
±10%
25
45
1
0.1
7
12
3.10
2.50
2
1.25
MLF2012C101KT
0.5
±0.3
1
0.8
0.8
Dimensions in mm
2.0
±0.2
T(Thickness)
0.85±0.2
1.25±0.2
Weight(mg)
10
14


Similar Part No. - MLF1608C150KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608C150KT TDK-MLF1608C150KT Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1608C150KTA00 TDK-MLF1608C150KTA00 Datasheet
141Kb / 3P
   Inductors (Coils)
MLF1608C150KTD25 TDK-MLF1608C150KTD25 Datasheet
200Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF1608C150KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLM10555-2 TDK-VLM10555-2 Datasheet
90Kb / 4P
   Inductors for Power Supply Circuit Wound/STD ??magnetic shielded
CLF7045T-220M TDK-CLF7045T-220M Datasheet
132Kb / 5P
   Wound/STD ??magnetic shielded
MLF1608E120J TDK-MLF1608E120J Datasheet
335Kb / 24P
   Inductors for Standard Circuits Multilayer Ferrite
MLF1005 TDK-MLF1005_13 Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com