Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF1608E120KT Datasheet(PDF) 1 Page - TDK Electronics

Part # MLF1608E120KT
Description  Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608E120KT Datasheet(HTML) 1 Page - TDK Electronics

  MLF1608E120KT Datasheet HTML 1Page - TDK Electronics MLF1608E120KT Datasheet HTML 2Page - TDK Electronics MLF1608E120KT Datasheet HTML 3Page - TDK Electronics MLF1608E120KT Datasheet HTML 4Page - TDK Electronics MLF1608E120KT Datasheet HTML 5Page - TDK Electronics MLF1608E120KT Datasheet HTML 6Page - TDK Electronics MLF1608E120KT Datasheet HTML 7Page - TDK Electronics MLF1608E120KT Datasheet HTML 8Page - TDK Electronics MLF1608E120KT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Inductors for Standard Circuits
Multilayer/STD • magnetic shielded
MLF series
Type:
Issue date:
MLF1005L
1005[0402 inch]*
MLF1608
1608[0603 inch]
MLF2012
2012[0805 inch]
* Dimensions Code JIS[EIA]
November 2011


Similar Part No. - MLF1608E120KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608E120KT TDK-MLF1608E120KT Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1608E120KTD00 TDK-MLF1608E120KTD00 Datasheet
141Kb / 3P
   Inductors (Coils)
MLF1608E120KTD25 TDK-MLF1608E120KTD25 Datasheet
200Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF1608E120KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLM10555-2 TDK-VLM10555-2 Datasheet
90Kb / 4P
   Inductors for Power Supply Circuit Wound/STD ??magnetic shielded
CLF7045T-220M TDK-CLF7045T-220M Datasheet
132Kb / 5P
   Wound/STD ??magnetic shielded
MLF1608E120J TDK-MLF1608E120J Datasheet
335Kb / 24P
   Inductors for Standard Circuits Multilayer Ferrite
MLF1005 TDK-MLF1005_13 Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com