Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLCV25T-330K-EF Datasheet(PDF) 7 Page - TDK Electronics

Part # NLCV25T-330K-EF
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-330K-EF Datasheet(HTML) 7 Page - TDK Electronics

Back Button NLCV25T-330K-EF Datasheet HTML 3Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 4Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 5Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 6Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 7Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 8Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 9Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 10Page - TDK Electronics NLCV25T-330K-EF Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
(5/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
Inductors for Decoupling Circuits
Wound/For Current
NLCV Series NLCV25T-R
FEATURES
• Rated current is maintained in the range of 1.7 to 2.0 times
compared to the existing NLCV25 series.
• Stable inductance, as the inductance change in the maximum
rated current load is within –10%.
• Maximum operating temperature is +125°C (including self-
temperature rise).
• Lead-free material is adopted for terminal soldering.
• PC board pattern is compatible with the existing NLCV25 series.
• This product is in compliance with the RoHS Directive. Other
products with specifications that do not include exemption
regulations are also available.
APPLICATIONS
Power supply lines, audio visual systems, electronic equipment for
vehicle, IT equipment
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Based on the above conditions, use a maximum product temperature of
260°C and a maximum accumulated heating time of 10 seconds as a
guideline.
• Please contact us for details.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Packaging style
(4) Inductance
(5) Inductance tolerance
(6)
Lead-free compatible product
(7) TDK internal code
Conformity to RoHS Directive
Operating temperature range
–40 to +125°C
[Including self-temperature rise]
Storage temperature range
–40 to +125°C
150˚C
180˚C
255˚C
230˚C
Pre-heating
90 to 120s
40s max.
10s max.
Natural
cooling
Time(s)
150˚C
170˚C
260˚C max.
Pre-heating
60 to 120s
10s max.
Natural
cooling
Time(s)
Tip temperature
300 to 350°C
Heating time
3 seconds/soldering
Soldering rod specifications
Output: 30W Tip diameter: 1mm
NLCV
25
T R10 M
-
PF
R
(1)
(2) (3) (4) (5)
(6) (7)
25
2.5
×2.0×1.8mm(L×W×T)
T
Taping (reel)
R10
0.1µH
1R0
1µH
100
10µH
K±10%
M±20%
PF
Conformity to RoHS directive,
exemption regulations apply
EF
Conformity to RoHS directive
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - NLCV25T-330K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-330K-EF TDK-NLCV25T-330K-EF Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV25T-330K-EFD TDK-NLCV25T-330K-EFD Datasheet
260Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV25T-330K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com