Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40-06 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAS40-06
Description  General-purpose diode for high-speed switching
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS40-06 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAS40-06 Datasheet HTML 1Page - Infineon Technologies AG BAS40-06 Datasheet HTML 2Page - Infineon Technologies AG BAS40-06 Datasheet HTML 3Page - Infineon Technologies AG BAS40-06 Datasheet HTML 4Page - Infineon Technologies AG BAS40-06 Datasheet HTML 5Page - Infineon Technologies AG BAS40-06 Datasheet HTML 6Page - Infineon Technologies AG BAS40-06 Datasheet HTML 7Page - Infineon Technologies AG BAS40-06 Datasheet HTML 8Page - Infineon Technologies AG BAS40-06 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2013-01-11
4
BAS40.../BAS140W
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0
EHB00040
BAS 40...
C
V
R
T
1
2
3
4
pF
5
10
20
V
30
Forward resistance rf = ƒ (IF)
f = 10 kHz
0.1
EHB00041
BAS 40...
r
Ι
f
1
10
mA
100
F
2
10
1
10
10
3
10
3
Reverse current IR = ƒ (TA)
VR = Parameter
0
25
50
75
100
°C
150
TA
-8
10
-7
10
-6
10
-5
10
-4
10
A
VR = 40V
30V
20V
10V
Reverse current IR = ƒ(VR)
TA = Parameter
0
EHB00039
BAS 40...
Ι
V
R
R
100
-2
10
1
10
2
10
3
10
A
10-1
10
20
30
V
40
TA = 150 C
85 C
25 C
µ


Similar Part No. - BAS40-06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS40-06 DIOTEC-BAS40-06 Datasheet
153Kb / 2P
   Surface Mount Schottky Barrier Single/Double Diodes
logo
NXP Semiconductors
BAS40-06 PHILIPS-BAS40-06 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
SHENZHEN KOO CHIN ELECT...
BAS40-06 KOOCHIN-BAS40-06 Datasheet
238Kb / 2P
   SCHOTTKY DIODE
logo
TRANSYS Electronics Lim...
BAS40-06 TEL-BAS40-06 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Shenzhen Jin Yu Semicon...
BAS40-06 HTSEMI-BAS40-06 Datasheet
408Kb / 2P
   SCHOTTKY DIODE
More results

Similar Description - BAS40-06

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAL99 SIEMENS-BAL99 Datasheet
97Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAS16 SIEMENS-BAS16 Datasheet
97Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com