Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40-05 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAS40-05
Description  General-purpose diode for high-speed switching
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS40-05 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAS40-05 Datasheet HTML 1Page - Infineon Technologies AG BAS40-05 Datasheet HTML 2Page - Infineon Technologies AG BAS40-05 Datasheet HTML 3Page - Infineon Technologies AG BAS40-05 Datasheet HTML 4Page - Infineon Technologies AG BAS40-05 Datasheet HTML 5Page - Infineon Technologies AG BAS40-05 Datasheet HTML 6Page - Infineon Technologies AG BAS40-05 Datasheet HTML 7Page - Infineon Technologies AG BAS40-05 Datasheet HTML 8Page - Infineon Technologies AG BAS40-05 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2013-01-11
5
BAS40.../BAS140W
Forward Voltage VF = ƒ (TA)
IF = Parameter
-50
-25
0
25
50
75
100
°C
150
TA
0
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
IF = 40 mA
10 mA
1 mA
0.1 mA
10 µA
1 µA
Forward current IF = ƒ (VF)
TA = Parameter
0.0
EHB00038
BAS 40...
Ι
V
F
F
0.5
1.0
V
1.5
TA = -40 ˚C
25 ˚C
85 ˚C
150 ˚C
-2
10
-1
10
mA
0
10
10
1
2
10
Forward current IF = ƒ (TS)
BAS140W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
mA
140
Forward current IF = ƒ (TS)
BAS40, BAS40-07
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
mA
140


Similar Part No. - BAS40-05

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BAS40-05 DSK-BAS40-05 Datasheet
336Kb / 3P
   Surface mount schottky barrier diode
logo
NXP Semiconductors
BAS40-05 PHILIPS-BAS40-05 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
Dongguan Pingjingsemi T...
BAS40-05 PJSEMI-BAS40-05 Datasheet
676Kb / 3P
   Schottky Barrier Diodes
logo
TRANSYS Electronics Lim...
BAS40-05 TEL-BAS40-05 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Shenzhen Jin Yu Semicon...
BAS40-05 HTSEMI-BAS40-05 Datasheet
408Kb / 2P
   SCHOTTKY DIODE
More results

Similar Description - BAS40-05

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAL99 SIEMENS-BAL99 Datasheet
97Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAS16 SIEMENS-BAS16 Datasheet
97Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com