Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD8V0R1B-02LSE6327 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ESD8V0R1B-02LSE6327
Description  Bi-directional Low Capacitance TVS Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD8V0R1B-02LSE6327 Datasheet(HTML) 4 Page - Infineon Technologies AG

  ESD8V0R1B-02LSE6327 Datasheet HTML 1Page - Infineon Technologies AG ESD8V0R1B-02LSE6327 Datasheet HTML 2Page - Infineon Technologies AG ESD8V0R1B-02LSE6327 Datasheet HTML 3Page - Infineon Technologies AG ESD8V0R1B-02LSE6327 Datasheet HTML 4Page - Infineon Technologies AG ESD8V0R1B-02LSE6327 Datasheet HTML 5Page - Infineon Technologies AG ESD8V0R1B-02LSE6327 Datasheet HTML 6Page - Infineon Technologies AG ESD8V0R1B-02LSE6327 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2009-12-18
4
ESD8V0R1B...
Application example ESD8V0R1B...
1 line, bi-directional
ESD
sensitive
device
I/O
2
1
Protected data line with signal levels
-8V up to +14V (bi-directional)
The protection diode should be placed
very close to the location where the ESD
or other transients can occur to keep
loops and inductances as small as
possible.
Pin 1 should be connected directly to a
ground plane on the board .


Similar Part No. - ESD8V0R1B-02LSE6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0R1B-02LS INFINEON-ESD8V0R1B-02LS Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
More results

Similar Description - ESD8V0R1B-02LSE6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0R1B-02LRH INFINEON-ESD8V0R1B-02LRH Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
   Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
logo
TECH PUBLIC Electronics...
AZ5423-01F TECHPUBLIC-AZ5423-01F Datasheet
1Mb / 4P
   Low Capacitance Bi-directional TVS Diode
ESD5V0B05-923 TECHPUBLIC-ESD5V0B05-923 Datasheet
913Kb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH_10 Datasheet
622Kb / 8P
   Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Applied Power Microelec...
AR1211D3H APMICRO-AR1211D3H Datasheet
553Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
AR1511D3 APMICRO-AR1511D3 Datasheet
774Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
AR1811D3 APMICRO-AR1811D3 Datasheet
1Mb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com