Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS70-B2GA221KYNSA Datasheet(PDF) 2 Page - TDK Electronics

Part # CS70-B2GA221KYNSA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS70-B2GA221KYNSA Datasheet(HTML) 2 Page - TDK Electronics

  CS70-B2GA221KYNSA Datasheet HTML 1Page - TDK Electronics CS70-B2GA221KYNSA Datasheet HTML 2Page - TDK Electronics CS70-B2GA221KYNSA Datasheet HTML 3Page - TDK Electronics CS70-B2GA221KYNSA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
005-03 / 20111003 / e4b3_cs.fm
• All specifications are subject to change without notice.
Mid-high Voltage Ceramic Capacitors(Disk with Lead)
Safety Standard Approved CS Series
BASIC INSULATION TYPE/Operating temperature range: –25 to +105°C(UL standard: –25 to +85°C)
CLASS 2 HIGH DIELECTRIC
FEATURES
• Flame-resistant reinforced outer insulation prevents fires, electri-
cal shock, and other potential hazards.
• Compliant with the safety standards of 11 countries.
• It has a withstand voltage of AC.2600V
• This product is compatible with halogen-free external resin
coating (we recommend halogen-free products as standard).
CAPACITANCE TEMPERATURE CHARACTERISTICS
AND TOLERANCE
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Capacitance temperature characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Class
(8) Lead type
(9) Safety standard
(10) Halogen-free compatible product
CAPACITANCE AND DIMENSIONS
: Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
Conformity to RoHS Directive
Temperature characteristics
Test temperature
range
Capacitance
tolerance
B(±10%)
–25 to +85°C
K(±10%)
E(+20, –55%)
–25 to +85°C
M(±20%)
F(+30, –80%)
–25 to +85°C
M(±20%)
CS 11
-E 2GA 222 M
Y
N
S
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9) (10)
Part No.
Capacitance
temperature
characteristics
Capacitance
(pF)
Capacitance
tolerance
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max. T max. F
d
CS70-B2GA101KY
SA
CS70-B2GA101KY
S
B(±10%)
100
K(±10%)
7.0
7.0
7.5±1.5
0.6±0.05
V2
CS70-B2GA151KY
SA
CS70-B2GA151KY
S
150
K(±10%)
7.0
7.0
7.5±1.5
0.6±0.05
V2
CS70-B2GA221KY
SA
CS70-B2GA221KY
S
220
K(±10%)
7.0
7.0
7.5±1.5
0.6±0.05
V2
CS85-B2GA331KY
SA
CS85-B2GA331KY
S
330
K(±10%)
8.5
7.0
7.5±1.5
0.6±0.05
V2
CS85-B2GA471KY
SA
CS85-B2GA471KY
S
470
K(±10%)
8.5
7.0
7.5±1.5
0.6±0.05
V2
CS95-B2GA681KY
SA
CS95-B2GA681KY
S
680
K(±10%)
9.5
7.0
7.5±1.5
0.6±0.05
V2
CS10-B2GA102KY
SA
CS10-B2GA102KY
S
1,000
K(±10%)
10.0
7.0
7.5±1.5
0.6±0.05
V2
CS80-E2GA102MY
SA
CS80-E2GA102MY
S
E(+20, –55%)
1,000
M(±20%)
8.0
7.0
7.5±1.5
0.6±0.05
V2
CS90-E2GA152MY
SA
CS90-E2GA152MY
S
1,500
M(±20%)
9.0
7.0
7.5±1.5
0.6±0.05
V2
CS11-E2GA222MY
SA
CS11-E2GA222MY
S
2,200
M(±20%)
10.5
7.0
7.5±1.5
0.6±0.05
V2
CS13-E2GA332MY
SA
CS13-E2GA332MY
S
3,300
M(±20%)
12.5
7.0
7.5±1.5
0.6±0.05
V2
CS14-E2GA392MY
SA
CS14-E2GA392MY
S
3,900
M(±20%)
13.5
7.0
7.5±1.5
0.6±0.05
V2
CS15-E2GA472MY
SA
CS15-E2GA472MY
S
4,700
M(±20%)
14.5
7.0
7.5±1.5
0.6±0.05
V3
CS12-F2GA472MY
SA
CS12-F2GA472MY
S
F(+30, –80%)
4,700
M(±20%)
12.0
7.0
7.5±1.5
0.6±0.05
V2
CS17-F2GA103MY
SA
CS17-F2GA103MY
S
10,000
M(±20%)
16.5
7.0
10±2
0.6±0.05
Long lead
Short lead
Taping
Vertical kink
Symbol G
Symbol N
Symbol V
Example) TDK Product Name: CS11-E2GA222MYNSA
N: Lead type (Vertical kink, Short)
D
T
F
d
D
T
F
d
D
T
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CS70-B2GA221KYNSA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA331KAGKA TDK-CS70-B2GA331KAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
More results

Similar Description - CS70-B2GA221KYNSA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CK45-RR TDK-CK45-RR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com