Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVRL101A3R3FTA Datasheet(PDF) 4 Page - TDK Electronics

Part # AVRL101A3R3FTA
Description  Chip Varistors Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRL101A3R3FTA Datasheet(HTML) 4 Page - TDK Electronics

  AVRL101A3R3FTA Datasheet HTML 1Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 2Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 3Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 4Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 5Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 6Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 7Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 8Page - TDK Electronics AVRL101A3R3FTA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(3/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
AVR-M TYPE
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Structure code
(4) Varistor voltage
(5) Varistor voltage tolerance
(6) Packaging style
(7) Capacitance and TDK internal code
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PAT-
TERN
0603/1005/1608/2012 TYPES
Dimensions in mm
Dimensions in mm
1410 TYPE
AVR-M 1005 C 270 M
T
AAB
(1)
(2)
(3) (4)
(5) (6)
(7)
0603
0.6
×0.3mm
1005
1.0
×0.5mm
1608
1.6
×0.8mm
2012
2.0
×1.2mm
14A2
1.4
×1.0mm (2-element)
270
27
×100V
K±10%
M±20%
TTaping
BBulk
Type
L
W
T
B min.
Weight
(mg)typ.
0603
0.6±0.03
0.3±0.03
0.3±0.03
0.1
0.2
1005
1.0±0.05
0.5±0.05
0.5±0.05
0.1
1.2
1608
1.6±0.1
0.8±0.1
0.8±0.1
0.2
5
2012
2.0±0.2
1.25±0.2
1.0±0.2
0.2
15
Type
abc
0603
0.25 to 0.35
0.2 to 0.3
0.25 to 0.35
1005
0.3 to 0.5
0.35 to 0.45
0.4 to 0.6
1608
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
2012
0.9 to 1.2
0.7 to 0.9
0.9 to 1.2
L
B
a
b
b
1.37
±0.2
0.36
±0.2
0.64typ.
0.32
±0.2
Weight: 4mg typ.
Dimensions in mm
0.6 to 0.66
0.3 to 0.4
Dimensions in mm


Similar Part No. - AVRL101A3R3FTA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
More results

Similar Description - AVRL101A3R3FTA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
logo
TDK Electronics
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
TDK Electronics
AVR TDK-AVR Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com