Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF10145T-102MR29-PF Datasheet(PDF) 3 Page - TDK Electronics

Part # SLF10145T-102MR29-PF
Description  Inductors for Power Circuits Wound Ferrite SLFseries
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF10145T-102MR29-PF Datasheet(HTML) 3 Page - TDK Electronics

  SLF10145T-102MR29-PF Datasheet HTML 1Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 2Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 3Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 4Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 5Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 6Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 7Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 8Page - TDK Electronics SLF10145T-102MR29-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
(2/48)
INDUC
T
O
RS
001-01 / 20130516 / e531_slf.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Product lineup allows for various usages.
APPLICATION
Thin-screen TV, LCDs, AV equipment, gaming equipment, other electrical devices
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Compatible with lead-free solders
Overview of the SLF Series
SLF
6025
T
-
4R7
M
1R5
-
PF
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Rated current
Internal code
(mm)
(µH)
(A)
6025
6.0×6.0×2.5
T
Taping
1R0
1.0
M
±20%
R47
0.47
6028
6.0×6.0×2.8
100
10
N
±30%
2R2
2.2
6045
6.0×6.0×4.5
101
100
150
15
7032
7.0×7.0×3.2
7045
7.0×7.0×4.5
7055
7.0×7.0×5.5
10145
10.1×10.1×4.5
10165
10.1×10.1×6.8
12555
12.5×12.5×5.5
12565
12.5×12.5×6.5
12575
12.5×12.5×7.5
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
SLF6025
–40 to +105
–40 to +105
1000
0.3
SLF6028
–40 to +105
–40 to +105
1000
0.3
SLF6045
–40 to +105
–40 to +105
1000
0.4
SLF7032
–40 to +105
–40 to +105
1000
0.4
SLF7045
–40 to +105
–40 to +105
1000
0.6
SLF7055
–40 to +105
–40 to +105
1000
0.8
SLF10145
–40 to +105
–40 to +105
500
1.3
SLF10165
–40 to +105
–40 to +105
500
1.9
SLF12555
–40 to +105
–40 to +105
500
2.6
SLF12565
–40 to +105
–40 to +105
500
3.2
SLF12575
–40 to +105
–40 to +105
500
3.6
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/


Similar Part No. - SLF10145T-102MR29-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF10145T-102MR29-PF TDK-SLF10145T-102MR29-PF Datasheet
173Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - SLF10145T-102MR29-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-6R8M1R6-2PF TDK-SLF7032T-6R8M1R6-2PF Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com