Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56F8002 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC56F8002
Description  Digital Signal Controller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8002 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC56F8002 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
MC56F8006/MC56F8002 Family Configuration
MC56F8006/MC56F8002 Digital Signal Controller, Rev. 4
Freescale Semiconductor
3
1
MC56F8006/MC56F8002 Family Configuration
MC56F8006/MC56F8002 device comparison in Table 1.
Table 1. MC56F8006 Series Device Comparison
Feature
MC56F8006
MC56F8002
28-pin
32-pin
48-pin
28-pin
Flash memory size (Kbytes)
16
12
RAM size (Kbytes)
2
Analog comparators (ACMP)
3
Analog-to-digital converters (ADC)
2
Unshielded ADC inputs
6776
Shielded ADC inputs
9
11
17
9
Total number of ADC input pins1
1 Some ADC inputs share the same pin. See Table 4.
15
18
24
15
Programmable gain amplifiers (PGA)
2
Pulse-width modulator (PWM) outputs
6
PWM fault inputs
3443
Inter-integrated circuit (IIC)
1
Serial peripheral interface (SPI)
1
High speed serial communications interface (SCI)
1
Programmable interrupt timer (PIT)
1
Programmable delay block (PDB)
1
16-bit multi-purpose timers (TMR)
2
Real-time counter (RTC)
1
Computer operating properly (COP) timer
Yes
Phase-locked loop (PLL)
Yes
1 kHz on-chip oscillator
Yes
8 MHz (400 kHz at standby mode) on-chip ROSC
Yes
Crystal oscillator
Yes
Power management controller (PMC)
Yes
IEEE 1149.1 Joint Test Action Group (JTAG) interface
Yes
Enhanced on-chip emulator (EOnCE) IEEE 1149.1 Joint
Test Action Group (JTAG) interface
Yes


Similar Part No. - MC56F8002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8002 FREESCALE-MC56F8002 Datasheet
1Mb / 100P
   Digital Signal Controller
MC56F8002VWL FREESCALE-MC56F8002VWL Datasheet
1Mb / 100P
   Digital Signal Controller
More results

Similar Description - MC56F8002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
   Digital Signal Controller Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com