Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33999ER2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCZ33999ER2
Description  16-Output Switch with SPI and PWM Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33999ER2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33999ER2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33999ER2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33999
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33999 Pin Connections
Table 1. 33999 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin
Name
Pin
Function
Formal Name
Definition
1, 4, 24, 27, 28,
31, 51, 54
PWM0, PWM1,
PWM6–PWM9,
PWM14, PWM15
Input
PWMn Input
Parallel PWM control Input pins. Allows direct PWM control of
eight outputs.
2, 3, 6, 7, 21, 22,
25, 26, 29, 30, 33,
34, 48, 49, 52, 53
OUT0–OUT15
Output
Output 0–
Output 15
Low-side driver outputs.
5
PWR
Power
PWR Supply
Power supply pin to the SO output driver.
8
PWR
Input
Battery Input
Battery supply input pin.
9, 10, 18, 19, 36,
37, 41, 45, 46
NC
N/C
No Connect
These pins have no connection.
11–17, 38–40,
42–44
GND
Ground
Ground
Ground for logic, analog, and power output devices.
20
SCLK
Input
System Clock
System Clock for internal shift registers of the 33999.
23
CS
Input
Chip Select
SPI control chip select input pin from MCU to 33999.
32
SI
Input
Serial Input
Serial data input pin to the 33999.
35
SO
Output
Serial Output
Serial data output pin.
47
RST
Input
Reset
Active low reset input pin.
50
PWM
Input
PWM Control Pin
PWM control input pin. Supports PWM on any combination of
outputs.
SO
SO
V
OUT2
1
GND
NC
NC
SCLK
OUT4
OUT5
CS
PWM6
OUT6
OUT7
PWM7
GND
11
12
13
14
15
16
17
18
19
20
9
10
21
22
23
24
25
26
27
6
7
8
4
5
NC
GND
GND
GND
GND
GND
OUT3
VPWR
NC
OUT1
PWM1
SOPWR
2
3
54
44
43
42
41
40
39
38
37
36
35
46
45
34
33
32
31
30
29
28
49
48
47
51
50
53
52
PWM0
OUT0
OUT13
GND
NC
NC
SO
OUT11
OUT10
SI
PWM9
OUT9
OUT8
PWM8
GND
NC
GND
GND
GND
NC
GND
OUT12
RST
NC
OUT14
PWM14
PWM
PWM15
OUT15


Similar Part No. - MCZ33999ER2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33999EK/R2 FREESCALE-MCZ33999EK/R2 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results

Similar Description - MCZ33999ER2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com