Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC10-0512SF-E Datasheet(PDF) 1 Page - TDK Electronics

Part # CC10-0512SF-E
Description  Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC10-0512SF-E Datasheet(HTML) 1 Page - TDK Electronics

  CC10-0512SF-E Datasheet HTML 1Page - TDK Electronics CC10-0512SF-E Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
1-800-526-2324 • www.us.tdk-lambda.com/lp/
CC-E Series
Features
u Compact Footprint / Low Profile
u Through Hole or SMT Versions
u 5V, 12V, 24V & 48V Inputs
u 3.3 to 30V1 Single, ±12 to 15V Dual Outputs
u Output Voltage Adjustment
u Input - Output Isolation
u RoHS Compliant
u 5 Year Warranty
u Self contained
u Multiple Input Voltage configurations
u Open frame (no potting)
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
1. For 24V/30V output - connnect across +Vout & -Vout and
leave “common out” pin not connected
2. Based upon equal load current from both outputs
3. For 15V output connect trim to -Vout
4. See Installation Manual for full specs, test methods of
parameters & application notes
5. Not available on CC15 and CC25 models
Model
Nominal Output Voltage
V
3.3V
5V
12/15V
±12/15 (24/30)1
DC Input
V
5V: 4.5-9.0V, 12V: 9-18V, 24V: 18-36V, 48V: 36-76V
Efficiency
%
71 to 90% model dependant
Output Voltage Tolerance
%
1.5-10W: ±3%, 15-25W: ±5%
±5%
Output Adjustment (via trim pin)
V
3.15-3.6V (5)
4.75-6.0V (5)
11.4-15V
22.8 - 30V
Line Regulation
mV
20 (40 CC15; 30 CC25)
40
80
Load Regulation
mV
40 (120 CC15; 200 CC25)
100
6002
Temperature Coefficient
%
<± 0.02%/°C
Preload
-
No preload required
Output Ripple (typ./max.BW 50MHz)
mV
40/120
30/120
Overcurrent Protection
-
Output current limiting with automatic recovery, shutdown CC15, 25 type
Overvoltage Protection
-
No
Remote On/ Off
-
CC1R5, 3, 6, & 10: RC terminal open, output is OFF; RC terminal to -Vin (0-0.4V), output is ON
CC15 & CC25: RC terminal open, output is ON; RC terminal to +Vin, output is OFF
Operating Temp.- Convection
°C
-40 to 85°C, derates linearly to 40% load from 50°C to 85°C
Operating Temp.- Forced Air
°C
-40°C to 85°C with 1m/s air full load
Storage Temperature
°C
-40°C to 85°C
Humidity (non Condensing)
-
95% RH max.(maximum wet-bulb temperature: 38°C)
Isolation Voltage
-
500VAC 1 min. Input to output, input to case, output to case
Isolation Resistance
-
Input to output, input to case, output to case: 50M ohm min. (500VDC)
Shock
m/s2
980m/s2 (100G) 6ms (6 directions, each 3 times)
Vibration (non Operating)
-
10 to 55Hz (sweep for 15min) 1.52mm constant, 3 directions X, Y, Z each 2 hours
Safety Agency Approvals
-
UL60950-1, CSA60950-1, EN60950-1, CE Mark
Weight
g
CC1R5: 3.2, CC3: 4.5, CC6: 5.8, CC10:10.0, CC15: 12.5, CC25: 20.0
Size (L x W x H)
in
CC1R5: 0.650 x 0.654 x 0.335; CC3: 0.900 x 0.654 x 0.335; CC6: 0.900 x 0.831 x 0.335
(DIP Through Hole and SMD package)
CC10: 1.400 x 0.890 x 0.335; CC15: 1.500 x 1.264 x 0.295; CC25: 1.701 x 1.768 x 0.295
(SIP Through Hole only)
CC3 (SIP): 1.09 x 0.362 x 0.705
Warranty
-
5 years
Specifications
Key Market Segments & Applications


Similar Part No. - CC10-0512SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC10-0512SF-E TDK-CC10-0512SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-0512SF-E TDK-CC10-0512SF-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC10-0512SF-E TDK-CC10-0512SF-E Datasheet
149Kb / 2P
   DC-DC Converters
More results

Similar Description - CC10-0512SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC10-2412DR-E TDK-CC10-2412DR-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC3-0512SR-E TDK-CC3-0512SR-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC152405SRE TDK-CC152405SRE Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
PSS3-24-5 TDK-PSS3-24-5 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS10-24-12 TDK-PSS10-24-12 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-3R3 TDK-PSS3-24-3R3 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS6245 TDK-PSS6245 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-12 TDK-PSS3-24-12 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSD1R551212 TDK-PSD1R551212 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com