Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145026P Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC145026P
Description   Encoder and Decoder Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026P Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC145026P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 14Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
11
DATA PERIOD
ENCODER
OSCILLATOR
(PIN 12)
Dout
(PIN 15)
ENCODED
“ONE”
ENCODED
“ZERO”
ENCODED
“OPEN”
Figure 11. Encoder Data Waveforms
500
400
300
200
100
VDD = 15 V
VDD = 10 V
VDD = 5 V
Figure 12. fmax vs Clayout — Decoders Only
Clayout (pF) ON PINS 1 – 5 (MC145027); PINS 1 – 5 AND 12 – 15 (MC145028)
10
20
30
40
50


Similar Part No. - MC145026P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145026P MOTOROLA-MC145026P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026P LANSDALE-MC145026P Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026P FREESCALE-MC145026P Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com