Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68060 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC68060
Description  Superscalar 32-Bit Microprocessors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68060 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC68060 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68060 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
MC68060 PRODUCT INFORMATION
MOTOROLA
Leveraging many of the same performance enhancements used by RISC designs as well as providing
innovative architectural techniques, the MC68060 harnesses new levels of performance for the M68000 family.
Incorporating 2.5 million transistors on a single piece of silicon, the MC68060 employs a deep pipeline, dual
issue superscalar execution, a branch cache, a high-performance floating-point unit (MC68060 only), eight
Kbytes each of on-chip instruction and data caches, and dual on-chip demand paging MMUs (MC68060 and
MC68LC060 only). The MC68060 allows simultaneous execution of two integer instructions (or an integer and
a floating-point instruction) and one branch instruction during each clock.
The MC68060 features a full internal Harvard architecture. The instruction and data caches are designed to
support concurrent instruction fetch, operand read, and operand write references on every clock. Separate 8-
Kbyte instruction and 8-Kbyte data caches can be frozen to prevent allocation over time-critical code or data.
The independent nature of the caches allows instruction stream fetches, data-stream fetches, and external
accesses to occur simultaneously with instruction execution. The operand data cache is four-way banked to
permit simultaneous read and write access each clock.
A very high bandwidth internal memory system coupled with the compact nature of the M68000 family code
allows the MC68060 to achieve extremely high levels of performance, even when operating from low-cost
memory such as a 32-bit wide dynamic random access memory system.
Instructions are fetched from the internal cache or external memory by a four-stage instruction fetch pipeline.
The MC68060 variable-length instruction system is internally decoded into a fixed-length representation and
channeled into an instruction buffer. The instruction buffer acts as a FIFO which provides a decoupling
mechanism between the instruction fetch unit and the operand execution units. Fixed format instructions are
dispatched to dual four-stage pipelined RISC operand execution engines where they are then executed.
The branch cache also plays a major role in achieving the high performance levels of the MC68060. It has
been implemented such that most branches are executed in zero cycles. Using a technique known as branch
folding, the branch cache allows the instruction fetch pipeline to detect and change the instruction prefetch
stream before the change of flow affects the instruction execution engines, minimizing the need for pipeline
refill.
In addition to substantial cost and performance benefits, the MC68060 also offers advantages in power
consumption and power management. The MC68060 automatically minimizes power dissipation by using a
fully-static design, dynamic power management, and low-voltage operation. It automatically powers-down
internal functional blocks that are not needed on a clock-by-clock basis. Explicitly, the MC68060 power
consumption can be controlled from the operating system. Although the MC68060 operates at a lower
operating voltage, it directly interfaces to both 3-V and 5-V peripherals and logic.
Complete code compatibility with the M68000 family allows the designer to draw on existing code and past
experience to bring products to market quickly. There is also a broad base of established development tools,
including real-time kernels, operating systems, languages, and applications, to assist in product design. The
functionality provided by the MC68060 makes it the ideal choice for a range of high-performance embedded
applications and computing applications. With M68000 family code compatibility, the MC68060 provides a
range of upgrade opportunities to virtually any existing MC68040 application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68060 MOTOROLA-MC68060 Datasheet
1Mb / 416P
   M68060 User Manual
More results

Similar Description - MC68060

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Motorola, Inc
M68040 MOTOROLA-M68040 Datasheet
3Mb / 442P
   M68000-compatible, high-performance, 32-bit microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Intel Corporation
80960HA INTEL-80960HA Datasheet
828Kb / 102P
   80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com