Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM3225 Datasheet(PDF) 2 Page - TDK Electronics

Part # ACM3225
Description  Common Mode Filters For high-speed differential signal line/general signal line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM3225 Datasheet(HTML) 2 Page - TDK Electronics

  ACM3225 Datasheet HTML 1Page - TDK Electronics ACM3225 Datasheet HTML 2Page - TDK Electronics ACM3225 Datasheet HTML 3Page - TDK Electronics ACM3225 Datasheet HTML 4Page - TDK Electronics ACM3225 Datasheet HTML 5Page - TDK Electronics ACM3225 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(1/5)
001-03 / 20110928 / e9712_acm.fm
• All specifications are subject to change without notice.
Common Mode Filters
For High-speed Differential Signal Line / General Signal Line
ACM Series ACM2012, 2520, 3225, 4532
FEATURES
• Although greatly miniaturized, this wire-wound chip-type filter
maintains the characteristics needed for a common mode filter.
Common mode impedance is 1000
Ω [at 100MHz], so this filter is
greatly effective in supporting noise.
• Almost no affect upon even high speed signals since differential
mode impedance is kept low.
• This series includes both 2-line and 3-line types. They are used
for various types of circuits and noise.
APPLICATIONS
• Used for radiation noise suppression for any electronic devices.
• Used to counter common mode noise affecting signals within
high-speed lines.
• USB line for personal computers and peripheral equipment.
• IEEE1394 line for personal computers, DVC, STB, etc.
• LVDS, panel link line for liquid crystal display panels.
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
2012: 2.0
×1.2mm
(3) Impedance[at 100MHz]
900: 90
(4) Number of line
2P: 2-line
3P: 3-line
(5) Packaging style
T: ø180mm reel taping
TL: ø330mm reel taping
(6) TDK internal code
RECOMMENDED SOLDERING CONDITIONS
RECOMMENDED TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
REFLOW PROFILE FOR SOLDER HEAT RESISTANCE
Conformity to RoHS Directive
Operating
–25 to +85°C
Storage(After mount)
–25 to +85°C
Packaging style
Type
Reel
Quantity
Taping
ACM2012
ø180mm
2000 pieces/reel
ø330mm
10000 pieces/reel
ACM2520
ø180mm
2000 pieces/reel
ø330mm
10000 pieces/reel
ACM3225
ø180mm
1000 pieces/reel
ø330mm
5000 pieces/reel
ACM4532
ø180mm
500 pieces/reel
ø330mm
2000 pieces/reel
ACM
2012 - 900 - 2P -
T
(1)
(2)
(3)
(4)
(5)
(6)
150˚C
180˚C
Peak 245˚C max.
230˚C
60 to 120s
10 to 30s
Natural
cooling
Time(s)
150˚C
180˚C
Peak 260˚C max.
230˚C
60 to 120s
40s max.
Natural
cooling
Time(s)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACM3225

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM3225 TDK-ACM3225 Datasheet
90Kb / 4P
   Common Mode Choke Colls for Signal Line
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
   Common Mode Filters
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
184Kb / 9P
   Common Mode Filters For power line
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
91Kb / 3P
   Common Mode Filters(SMD)
More results

Similar Description - ACM3225

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com