Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACF321825-681 Datasheet(PDF) 4 Page - TDK Electronics

Part # ACF321825-681
Description  3-teminal Filters For signal line ACF series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACF321825-681 Datasheet(HTML) 4 Page - TDK Electronics

  ACF321825-681 Datasheet HTML 1Page - TDK Electronics ACF321825-681 Datasheet HTML 2Page - TDK Electronics ACF321825-681 Datasheet HTML 3Page - TDK Electronics ACF321825-681 Datasheet HTML 4Page - TDK Electronics ACF321825-681 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(3/4)
001-02 / 20110928 / e9613_acf.fm
• All specifications are subject to change without notice.
ACF451832 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
Part No.
25dB attenuation
frequency range
(MHz)
Rated voltage Edc
(V)max.
Rated current
(mA)max.
DC resistance
(
Ω)max.
[Terminal No.1 to 3]
Insulation resistance
(M
Ω)min.
[Terminal No.1 to 2/No.2 to 3]
ACF451832-333
7 to 60
50
300
0.15
1000
ACF451832-223
9 to 65
50
300
0.15
1000
ACF451832-153
11 to 70
50
300
0.15
1000
ACF451832-103
15 to 75
50
300
0.15
1000
ACF451832-682
20 to 85
50
300
0.15
1000
ACF451832-472
25 to 90
50
300
0.15
1000
ACF451832-332
35 to 100
50
300
0.15
1000
ACF451832-222
40 to 110
50
300
0.15
1000
ACF451832-152
50 to 130
50
300
0.15
1000
ACF451832-102
65 to 150
50
300
0.15
1000
ACF451832-681
75 to 160
50
300
0.15
1000
ACF451832-471
95 to 180
50
300
0.15
1000
ACF451832-331
115 to 205
50
300
0.15
1000
ACF451832-221
150 to 250
50
300
0.15
1000
ACF451832-151
190 to 290
50
300
0.15
1000
ACF451832-101
235 to 335
50
300
0.15
1000
ACF451832-680
295 to 395
50
300
0.15
1000
ACF451832-470
360 to 460
50
300
0.15
1000
ACF451832-330
450 to 550
50
300
0.15
1000
ACF451832-220
550 to 650
50
300
0.15
1000
4.5
±0.4
Insulation
resin
Terminal
electrode
1.0
0.45
13
2
GND terminal
Ferrite
No polarity
3
1
2
GND
Dimensions in mm
• Dimension without tolerance
is reference value.
1.75
3.5
1.75
1.0
Resist
Land pattern
Dimensions in mm
60
40
50
30
20
10
0
1000
100
300
10
30
13
Frequency(MHz)
223
333
153 103 682472332222
ACF Series
L.M.
S.G.
50


Similar Part No. - ACF321825-681

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF321825-681 TDK-ACF321825-681 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
logo
List of Unclassifed Man...
ACF321825-681 ETC2-ACF321825-681 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
logo
TDK Electronics
ACF321825-681-T TDK-ACF321825-681-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
List of Unclassifed Man...
ACF321825-681-TD01 ETC2-ACF321825-681-TD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
More results

Similar Description - ACF321825-681

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-153-TD01 TDK-ACH4518-153-TD01 Datasheet
117Kb / 7P
   3-teminal Filters
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
MEM2012SC TDK-MEM2012SC Datasheet
165Kb / 4P
   3-terminal filters Signal line
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
   3-terminal filters Signal line
MEM2012V TDK-MEM2012V Datasheet
175Kb / 4P
   3-terminal filters Signal line
MEM2012F TDK-MEM2012F Datasheet
166Kb / 4P
   3-terminal filters Signal line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com