Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACF321825-103 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACF321825-103
Description  3-teminal Filters For signal line ACF series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACF321825-103 Datasheet(HTML) 3 Page - TDK Electronics

  ACF321825-103 Datasheet HTML 1Page - TDK Electronics ACF321825-103 Datasheet HTML 2Page - TDK Electronics ACF321825-103 Datasheet HTML 3Page - TDK Electronics ACF321825-103 Datasheet HTML 4Page - TDK Electronics ACF321825-103 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(2/4)
001-02 / 20110928 / e9613_acf.fm
• All specifications are subject to change without notice.
ACF321825 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
3.2±0.3
Insulation
resin
Terminal
electrode
0.6
0.45
13
2
No polarity
3
1
2
GND terminal
Ferrite
GND
Dimensions in mm
• Dimension without tolerance
is reference value.
Resist
Land pattern
Dimensions in mm
1.4
2.2
1.4
0.6
Part No.
25dB attenuation
frequency range
(MHz)
Rated voltage Edc
(V)max.
Rated current
(mA)max.
DC resistance
(
Ω)max.
[Terminal No.1 to 3]
Insulation resistance
(M
Ω)min.
[Terminal No.1 to 2/No.2 to 3]
ACF321825-223
11 to 55
20
300
0.15
1000
ACF321825-103
17 to 60
20
300
0.15
1000
ACF321825-682
22 to 75
20
300
0.15
1000
ACF321825-472
30 to 85
20
300
0.15
1000
ACF321825-332
37 to 90
20
300
0.15
1000
ACF321825-222
45 to 105
20
300
0.15
1000
ACF321825-152
60 to 115
20
300
0.15
1000
ACF321825-102
80 to 140
20
300
0.15
1000
ACF321825-681
95 to 150
20
300
0.15
1000
ACF321825-471
120 to 180
20
300
0.15
1000
ACF321825-331
130 to 210
20
300
0.15
1000
ACF321825-221
170 to 250
20
300
0.15
1000
ACF321825-151
205 to 280
20
300
0.15
1000
ACF321825-101
265 to 340
20
300
0.15
1000
ACF321825-680
340 to 420
20
300
0.15
1000
ACF321825-470
420 to 500
20
300
0.15
1000
ACF321825-330
500 to 600
20
300
0.15
1000
ACF321825-220
600 to 700
20
300
0.15
1000
ACF Series
L.M.
S.G.
50
50
40
30
20
10
0
1000
100
300
10
30
13
223
103 682472 332
Frequency(MHz)


Similar Part No. - ACF321825-103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF321825-103 TDK-ACF321825-103 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
logo
List of Unclassifed Man...
ACF321825-103 ETC2-ACF321825-103 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
logo
TDK Electronics
ACF321825-103-T TDK-ACF321825-103-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
List of Unclassifed Man...
ACF321825-103-TD01 ETC2-ACF321825-103-TD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
More results

Similar Description - ACF321825-103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-153-TD01 TDK-ACH4518-153-TD01 Datasheet
117Kb / 7P
   3-teminal Filters
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
MEM2012SC TDK-MEM2012SC Datasheet
165Kb / 4P
   3-terminal filters Signal line
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
   3-terminal filters Signal line
MEM2012V TDK-MEM2012V Datasheet
175Kb / 4P
   3-terminal filters Signal line
MEM2012F TDK-MEM2012F Datasheet
166Kb / 4P
   3-terminal filters Signal line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com