Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF321611 Datasheet(PDF) 3 Page - TDK Electronics

Part # HF321611
Description  EMC Components Ferrite Beads SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF321611 Datasheet(HTML) 3 Page - TDK Electronics

  HF321611 Datasheet HTML 1Page - TDK Electronics HF321611 Datasheet HTML 2Page - TDK Electronics HF321611 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• All specifications are subject to change without notice.
(3/3)
20010531 / e9413_acc.fm
EMC Components
ACC Series
Ferrite Beads
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
HF50ACC575032
HF30ACC575032
HF70ACC635050
HF50ACC635050
HF30ACC635050
TEST EQUIPMENT:RF IMPEDANCE ANALYZER YHP4191A
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000


Similar Part No. - HF321611

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF321611 TDK-HF321611 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads
HF321611 TDK-HF321611 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF321611 TDK-HF321611 Datasheet
87Kb / 3P
   RECOMMENDED PC BOARD PATTERNS REFLOW AND FLOW SOLDERINGS
HF321611 TDK-HF321611 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
More results

Similar Description - HF321611

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
ZBDS TDK-ZBDS Datasheet
38Kb / 1P
   EMC Components Ferrite Beads SMD Array
HF30ACC453215-T TDK-HF30ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads
HF50ACC321611-T TDK-HF50ACC321611-T Datasheet
77Kb / 3P
   Ferrite Beads SMD
MMZ1005 TDK-MMZ1005 Datasheet
79Kb / 4P
   Ferrite Beads SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com