Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501MILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 501MILF
Description  LOCO??PLL CLOCK MULTIPLIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

501MILF Datasheet(HTML) 1 Page - Integrated Device Technology

  501MILF Datasheet HTML 1Page - Integrated Device Technology 501MILF Datasheet HTML 2Page - Integrated Device Technology 501MILF Datasheet HTML 3Page - Integrated Device Technology 501MILF Datasheet HTML 4Page - Integrated Device Technology 501MILF Datasheet HTML 5Page - Integrated Device Technology 501MILF Datasheet HTML 6Page - Integrated Device Technology 501MILF Datasheet HTML 7Page - Integrated Device Technology 501MILF Datasheet HTML 8Page - Integrated Device Technology 501MILF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
LOCO™ PLL CLOCK MULTIPLIER
ICS501
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
1
ICS501
REV R 051310
Description
The ICS501 LOCOTM is the most cost effective way to
generate a high-quality, high-frequency clock output from a
lower frequency crystal or clock input. The name LOCO
stands for Low Cost Oscillator, as it is designed to replace
crystal oscillators in most electronic systems. Using
Phase-Locked Loop (PLL) techniques, the device uses a
standard fundamental mode, inexpensive crystal to
produce output clocks up to 160 MHz.
Stored in the chip’s ROM is the ability to generate nine
different multiplication factors, allowing one chip to output
many common frequencies (see table on page 2).
The device also has an output enable pin which tri-states
the clock output when the OE pin is taken low.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined or guaranteed. For
applications which require defined input to output skew, use
the ICS570B.
Features
Packaged as 8-pin SOIC, MSOP, or die
RoHS 5 (green) or RoHS 6 (green and lead free)
compliant packaging
IDT’s lowest cost PLL clock
Zero ppm multiplication error
Input crystal frequency of 5 - 27 MHz
Input clock frequency of 2 - 50 MHz
Output clock frequencies up to 160 MHz
Extremely low jitter of 25 ps (one sigma)
Compatible with all popular CPUs
Duty cycle of 45/55 up to 160 MHz
Nine selectable frequencies
Operating voltage of 3.3 V or 5.0 V
Tri-state output for board level testing
25 mA drive capability at TTL levels
Ideal for oscillator replacement
Industrial temperature version available
Advanced, low-power CMOS process
Block Diagram
CLK
PLL Clock
M ultiplier
Circuitry
and ROM
Crystal or
Clock input
GND
OE
VDD
Crystal
O scillator
S1:0
X1/ICLK
X2
O ptional crystal capacitors
2


Similar Part No. - 501MILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
501MILF IDT-501MILF Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER Zero ppm multiplication error
501MILF IDT-501MILF Datasheet
109Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MILFT IDT-501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER Zero ppm multiplication error
501MILFT IDT-501MILFT Datasheet
109Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
More results

Similar Description - 501MILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
   LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
   LOCO??PLL Clock Multiplier
logo
Integrated Device Techn...
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com