Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-E1 Datasheet(PDF) 2 Page - Rohm

Part # SML-E1
Description  EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-E1 Datasheet(HTML) 2 Page - Rohm

  SML-E1_12 Datasheet HTML 1Page - Rohm SML-E1_12 Datasheet HTML 2Page - Rohm SML-E1_12 Datasheet HTML 3Page - Rohm SML-E1_12 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE : VF (V)
100
10
2.5
1.0
2.0
1.5
3.0
1
Ta=25°C
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12Y8W
SML-E12M8W
SML-E12P8W
FORWARD CURRENT : IF (mA)
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta=25°C
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12P8W
SML-E12Y8W
SML-E12M8W
AMBIENT TEMPERATURE
: Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE : Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12Y8W
SML-E12M8W
SML-E12P8W
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12Y8W
SML-E12M8W
SML-E12P8W
SML-E12UW
SML-E12DW
AMBIENT TEMPERATURE
: Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
SML-E12UW
SML-E12DW
ATMOSPHERE TEMPERATURE
: Ta (
°C)
1.4
1.2
1
0.8
0.4
0.6
0.2
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-E12UW
SML-E12DW
100
10
1
FORWARD VOLTAGE : VF (V)
2.0
1.2
1.4
1.6
1.8
2.2
2.4
2.6
Ta=25°C
SML-E12UW
SML-E12DW
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-E1 Series
100
10
1
FORWARD VOLTAGE
: VF (V)
3.0
3.2
2.8
3.4
Ta=25°C
2.6
ATMOSPHERE TEMPERATURE
: Ta (
°C)
1.4
1.2
1
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=5mA
FORWARD CURRENT
: IF (mA)
Ta=25°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
ATMOSPHERE TEMPERATURE
: Ta(°C)
0
20
40
60
80
100
0
10
20
30
SMLE12EC6T
SMLE12BC7T
SMLE13EC8T
SMLE13BC8T
SMLE12EC6T
SMLE13EC8T
SMLE12BC7T
SMLE13BC8T
SMLE12EC6T
SMLE13EC8T
SMLE12BC7T
SMLE13BC8T
SMLE12EC6T
SMLE12BC7T
SMLE13EC8T
SMLE13BC8T
FORWARD CURRENT : IF (mA)
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
2/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.12 - Rev.C


Similar Part No. - SML-E1_12

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-E12 ROHM-SML-E12 Datasheet
34Kb / 1P
   Surface Mount Chip LEDs
SML-E12BT1P ROHM-SML-E12BT1P Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12BTT86P ROHM-SML-E12BTT86P Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12BTT87P ROHM-SML-E12BTT87P Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12BW1P ROHM-SML-E12BW1P Datasheet
1Mb / 4P
   EXCELEDTM series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com