Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-342YC Datasheet(PDF) 2 Page - Rohm

Part # SLR-342YC
Description  Viewing angle 2 1/2 : 40 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342YC Datasheet(HTML) 2 Page - Rohm

  SLR-342YC Datasheet HTML 1Page - Rohm SLR-342YC Datasheet HTML 2Page - Rohm SLR-342YC Datasheet HTML 3Page - Rohm SLR-342YC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10
1.0
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE:VF (V)
Ta=25°C
1.4
1.2
1.0
0.8
0.6
0.4
ATMOSPHERE TEMPERATURE:Ta (°C)
-40 -20
0
20
40
60
80 100
IF=10mA
Ta=25°C
10
1.0
0.1
1
10
100
0.1
FORWARD CURRENT:IF (mA)
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE:Ta (
°C)
SLR-342VC
SLR-342VR
SLR-342DC
SLR-342DU
SLR-342YC
SLR-342YY
SLR-342MC
SLR-342MG
SLR-342VC
SLR-342VR
SLR-342DC
SLR-342DU
SLR-342YC
SLR-342YY
SLR-342MC
SLR-342MG
SLR-342VC
SLR-342VR
SLR-342DC
SLR-342DU
SLR-342YC
SLR-342YY
SLR-342MC
SLR-342MG
SLR-342VC
SLR-342VR
SLR-342DC
SLR-342DU
SLR-342YC
SLR-342YY
SLR-342MC
SLR-342MG
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SLR-342 Series
2/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-342YC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342YC ROHM-SLR-342YC Datasheet
130Kb / 3P
   3.1(T-1) Circular Type Standard Type
SLR-342YC ROHM-SLR-342YC Datasheet
878Kb / 4P
   SLR-342 Series
SLR-342YC ROHM-SLR-342YC Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR-342YC ROHM-SLR-342YC Datasheet
878Kb / 4P
   ROHM Customer Support System
SLR-342YC ROHM-SLR-342YC Datasheet
878Kb / 4P
   Rank Reference of Brightness
More results

Similar Description - SLR-342YC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
   Viewing angle 2 1/2 85
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com