Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN3P6F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STN3P6F6
Description  P-channel 60 V, 0.13typ., 3 A STripFET??VI DeepGATE??Power MOSFET in a SOT-223 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3P6F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STN3P6F6 Datasheet HTML 1Page - STMicroelectronics STN3P6F6 Datasheet HTML 2Page - STMicroelectronics STN3P6F6 Datasheet HTML 3Page - STMicroelectronics STN3P6F6 Datasheet HTML 4Page - STMicroelectronics STN3P6F6 Datasheet HTML 5Page - STMicroelectronics STN3P6F6 Datasheet HTML 6Page - STMicroelectronics STN3P6F6 Datasheet HTML 7Page - STMicroelectronics STN3P6F6 Datasheet HTML 8Page - STMicroelectronics STN3P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STN3P6F6
4/12
DocID023758 Rev 4
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified).
Note:
For the P-channel Power MOSFET actual polarity of voltages and current has to be
reversed.
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
(VGS = 0)
ID = 250 µA
60
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 60 V
VDS = 60 V, TC=125 °C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 1.5 A
0.13
0.16
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 48 V, f = 1 MHz,
VGS = 0
-
340
40
20
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 48 V, ID = 3 A,
VGS = 10 V
(see Figure 14)
-
6.4
1.7
1.7
-
nC
nC
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 48 V, ID = 1.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13)
-
6.4
5.3
14
3.7
-
ns
ns
ns
ns


Similar Part No. - STN3P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
   P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET??II POWER MOSFET
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
253Kb / 12P
   P-channel 60 V - 0.20 廓 - 2.5 A - SOT-223 STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STN3PF06 VBSEMI-STN3PF06 Datasheet
929Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06_08 Datasheet
253Kb / 12P
   P-channel 60 V - 0.20 廓 - 2.5 A - SOT-223 STripFET??II Power MOSFET
More results

Similar Description - STN3P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
   P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
   N-channel 60 V, 0.0024 廓, 80 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAKFP package
April 2012 Rev 1
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STN3PF06 STMICROELECTRONICS-STN3PF06_08 Datasheet
253Kb / 12P
   P-channel 60 V - 0.20 廓 - 2.5 A - SOT-223 STripFET??II Power MOSFET
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a DPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com