Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR25 Datasheet(PDF) 1 Page - Rohm

Part # ESR25
Description  Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR25 Datasheet(HTML) 1 Page - Rohm

  ESR25 Datasheet HTML 1Page - Rohm ESR25 Datasheet HTML 2Page - Rohm ESR25 Datasheet HTML 3Page - Rohm ESR25 Datasheet HTML 4Page - Rohm ESR25 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Anti-surge Chip Resistors
ESR Series
Features
1) Exclusive resistive element pattern and laser trimming technology results
in significantly improved surge resistance characteristics.
2) 2kV to 5kV electrostatic discharge resistance.
3) Superior power ratings.
4) ROHM resistors have obtained ISO9001 / ISO / TS16949 certification.
5) Corresponds to AEC-Q200.(ESR10/18)
Products List
Limiting Element
Voltage
(V)
Maximum
Overload
Voltage
(V)
Temperature
Coefficient
(ppm /
°C)
Resistance
Tolerance
(%)
Operating
Temperature
Range
(
°C)
Resistance Range
Series
Part No.
Rated Power
(70
°C)
(W)
ESR01
1005
ESR03
1608
0.2
50
150
150
200
200
400
400
200
200
100
0.25
2012
3216
3225
0402
0603
0805
1206
1210
ESR10
ESR18
ESR25
0.4
0.33
0.5
−55 to +155
F(
±1%)
D(
±0.5%)
J(
±5%)
1M
Ω
to
10
Ω
10M
Ω
to
1
Ω
10M
Ω
to
1
Ω
10M
Ω
to
1
Ω
1M
Ω
to
10
Ω
1M
Ω
to
10
Ω
1M
Ω
to
10
Ω
1M
Ω
to
10
Ω
10M
Ω
to
1
Ω
E24
±200
±100
±100
F(
±1%)
D(
±0.5%)
J(
±5%)
±200
±100
±100
F(
±1%)
D(
±0.5%)
J(
±5%)
±200
±100
±100
F(
±1%)
D(
±0.5%)
J(
±5%)
±200
±100
±100
F(
±1%)
J(
±5%)
±200
±100
∗Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
Size
(mm) (inch)
Part Number Description
ESR
(Anti-surge chip resistors)
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Ex.)
1
Ω = 1R00 ( ±1% )
1R0
(
±5% )
10
Ω = 10R0 ( ±0.5%, ±1%)
100
(
±5% )
1M
Ω = 1004 ( ±0.5%, ±1%)
105
(
±5% )
01 (1005
[0402])
03 (1608
[0603])
10 (2012
[0805])
18 (3216
[1206])
25 (3225 [1210])
D (
±0.5% )
D (
±0.5% )
F (
±1% )
J (
±5% )
1 0
EP
Z
S
ER
J0
1
0
Paper tape
(4mm Pitch)
Packaging
specifications
MZP
Code
ESR01
Part No.
10,000
Paper tape
(4mm Pitch)
EZP
ESR03
5,000
Paper tape
(4mm Pitch)
EZP
ESR10
5,000
Paper tape
(4mm Pitch)
EZP
ESR18
5,000
Embossed tape
(4mm Pitch)
JZP
ESR25
4,000
Part No.
Packaging Specifications Code
Size (mm [inch])
Resistance
Tolerance
Nominal Resistance
D,F
J
:
:
4 digits
3 digits
Resistance
tolerance
Resistance
code
Quantity
/ Reel


Similar Part No. - ESR25

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR25 ROHM-ESR25 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR25JZPD ROHM-ESR25JZPD Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
More results

Similar Description - ESR25

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com