Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD45395 Datasheet(PDF) 10 Page - Rohm

Part # BD45395
Description  Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45395 Datasheet(HTML) 10 Page - Rohm

Back Button BD45395 Datasheet HTML 6Page - Rohm BD45395 Datasheet HTML 7Page - Rohm BD45395 Datasheet HTML 8Page - Rohm BD45395 Datasheet HTML 9Page - Rohm BD45395 Datasheet HTML 10Page - Rohm BD45395 Datasheet HTML 11Page - Rohm BD45395 Datasheet HTML 12Page - Rohm BD45395 Datasheet HTML 13Page - Rohm BD45395 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Datasheet
Datasheet
10/13
BD45xxx series
BD46xxx series
TSZ02201-0R7R0G300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.Dec.2012 Rev.005
www.rohm.com
TSZ22111・15・001
●Application Information
Explanation of Operation
For both the open drain type (Fig.15) and the CMOS output type (Fig.16), the detection and release voltages are used as
threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VOUT terminal
voltage switches from either “High” to “Low” or from “Low” to “High”. Because the BD45xxx series uses an open drain output
type, it is necessary to connect either a pull-up resistor to VDD or another power supply if needed [The output “High” voltage
(VOUT) in this case becomes VDD or the voltage of the other power supply].
Fig.15 (BD45xxx Type Internal Block Diagram)
Fig.16 (BD46xxx Type Internal Block Diagram)
Reference Data
Examples of Leading (tPLH) and Falling (tPHL) Output
Part Number
tPLH[ms]
tPHL[µs]
BD45275G
50
18
BD46275G
50
18
VDD=2.2V
3.2V
VDD=3.2V
2.2V
*This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
Timing Waveform
Example: The following shows the relationship between the input voltages VDD, the output voltage VOUT and ER terminal when
the input power supply voltage VDD is made to sweep up and sweep down (the circuits are those in Fig. 12 and 13).
1
When the power supply is turned on, the output is unstable from
after over the operating limit voltage (VOPL) until tPHL. Therefore it is
possible that the reset signal is not outputted when the rise time of
VDD is faster than tPHL.
2
When VDD is greater than VOPL but less than the reset release
voltage (VDET + ∆VDET), the output voltages will switch to Low.
3
If VDD exceeds the reset release voltage (VDET + ∆VDET), the
counter timer start and VOUT switches from L to H.
4
When more than the high level voltage is supplied to the ER
terminal, VOUT comes to “L” after tPLH delay time. Therefore, a time
when ER terminal is “H” is necessary for 100µsec or more.
5
When the ER terminal switches to Low, the counter timer starts
to operate, a delay of tPLH occurs, and VOUT switches from “L” to “H”.
6
If VDD drops below the detection voltage (VDET) when the power
supply is powered down or when there is a power supply fluctuation,
VOUT switches to L (with a delay of tPHL).
7
The potential difference between the detection voltage and the
release voltage is known as the hysteresis width (
∆VDET). The
system is designed such that the output does not toggle with power
supply
fluctuations
within
this
hysteresis
width,
preventing
malfunctions due to noise.
These time changes by the application and use it, please verify and confirm using practical applications.
Vref
R1
R2
R3
VDD
GND
Oscillation
Circuit Counter
Timer
Q1
VOUT
VDD
Reset
ER
Q2
Q1
Vref
R1
R2
R3
VDD
GND
Oscillation
Circuit Counter
Timer
VOUT
Reset
ER
Fig.17
Timing Waveform
VDD
VDET+ΔVDET
VDET
VOPL
0V
tPHL
VOUT
tPLH
tPHL
tPLH
③ ④
VOL
VOH
VDD
tPLH
tPHL
VEH
ER


Similar Part No. - BD45395

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45395 ROHM-BD45395 Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45395 ROHM-BD45395 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45395 ROHM-BD45395 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45395 ROHM-BD45395 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45395 ROHM-BD45395 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD45395

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
logo
Guangdong Youtai Semico...
SM712 UMW-SM712 Datasheet
528Kb / 4P
   Molded JEDEC SOT-23 Package
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com