Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS057DWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75ALS057DWG4
Description  TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS057DWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS057DWG4 Datasheet HTML 3Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 4Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 5Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 6Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 7Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 8Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 9Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 10Page - Texas Instruments SN75ALS057DWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN75ALS056, SN75ALS057
TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SLLS028G – AUGUST 1987 – REVISED JUNE 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN75ALS057
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage at Dn, En, TE, or RE
II = –18 mA
–1.5
V
VIT
Receiver input threshold voltage at Bn
1.41
1.69
V
VOH
High-level output voltage at Rn
Bn at 1.2 V, RE at 0.8 V,
IOH = –400 µA
2.4
V
Rn
Bn at 2 V, RE at 0.8 V,
IOL = 16 mA
0.5
VOL
Low-level output voltage
Bn
Dn at 2 V, En at 2 V,
TE at 0.8 V, VL = 2 V,
RL = 18.5 Ω, See Figure 1
0.75
1.2
V
Dn, En,
TE, or RE
VI = VCC
40
IIH
High-level input current
Bn
VI = 2 V, VCC = 0 or 5.25 V,
Dn at 0.8 V, En at 0.8 V,
TE at 0.8 V
100
µA
IIL
Low-level input current at Dn, En, TE, or RE
VI = 0.4 V
–400
µA
IOS
Short-circuit output current at Rn
Rn at 0, Bn at 1.2 V,
RE at 0.8 V
–40
–120
mA
ICC
Supply current
40
mA
CO(B)
Driver output capacitance
4.5
pF
† Typical values are at VCC = 5 V, TA = 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN75ALS056
DRIVER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
tPLH1
Propagation delay time,
low-to-high-level output
CS
Bn
An and T/R at 2 V, VL = 2 V,
RL118 Ω CL 30 pF
24
ns
tPHL1
Propagation delay time,
high-to-low-level output
CS
Bn
RL1 = 18 Ω,, CL = 30 pF,
RL2 not connected, See Figure 2
20
ns
tPLH2
Propagation delay time,
low-to-high-level output
An
Bn
CS at 0.8 V, T/R at 2 V,
VL = 2 V, RL1 = 18 Ω,,
RL2 not connected CL 30 pF
19
ns
tPHL2
Propagation delay time
high-to-low-level output
An
Bn
RL2 not connected, CL = 30 pF,
See Figure 2,
18
ns
tPLH3
Propagation delay time,
low-to-high-level output
T/R
Bn
VI(An) = 5 V, CS at 0.8 V,
RL1 = 18 Ω, CL = 30 pF,
RL2 not connected VL =2V
25
ns
tPHL3
Propagation delay time,
high-to-low-level output
T/R
Bn
RL2 not connected, VL = 2 V,
See Figure 3,
35
ns
tTLH
Transition time,
low-to-high-level output
An
Bn
CS at 0.8 V, T/R at 2 V,
VL = 2 V, CL = 30 pF,
1
3
11
ns
tTHL
Transition time,
high-to-low-level output
An
Bn
L
,
L
,
RL1 = 18 Ω, RL2 not connected,
See Figure 2
1
3
6
ns
† Typical values are at VCC = 5 V, TA = 25°C


Similar Part No. - SN75ALS057DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS057DW TI-SN75ALS057DW Datasheet
234Kb / 15P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS057DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS056 TI-SN75ALS056 Datasheet
234Kb / 15P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
logo
National Semiconductor ...
DS3896 NSC-DS3896 Datasheet
247Kb / 9P
   BTL Trapezoidal??Transceivers
DS3896 NSC-DS3896_09 Datasheet
353Kb / 10P
   BTL Trapezoidal??Transceivers
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com