Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8108FM Datasheet(PDF) 5 Page - Rohm

Part # BD8108FM
Description  White LED driver IC (under development) HSOP-M28 package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8108FM Datasheet(HTML) 5 Page - Rohm

  BD8108FM Datasheet HTML 1Page - Rohm BD8108FM Datasheet HTML 2Page - Rohm BD8108FM Datasheet HTML 3Page - Rohm BD8108FM Datasheet HTML 4Page - Rohm BD8108FM Datasheet HTML 5Page - Rohm BD8108FM Datasheet HTML 6Page - Rohm BD8108FM Datasheet HTML 7Page - Rohm BD8108FM Datasheet HTML 8Page - Rohm BD8108FM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
●5V constant voltage(VREG)
5V (Typ.) is generated from VCC input voltage when EN=H. This voltage is used as a power supply of the internal circuit, and
also when the device pins need to be fixed to H voltage.
UVLO is built-in in VREG, and the circuit begins to operate when the voltage is more than 2.9V (Typ.) and stops when the
voltage is less than 2.8V (Typ.).
Please connect Creg=10uF (Typ.) to VREG terminal for phase compensation. The circuit’s operation becomes remarkably
unstable when Creg is not connected.
● Self-diagnosis function
The operating condition of the built-in protection circuit is transmitted to FAIL1 and FAIL2 output pins (open drain).
When UVLO, OVP, OCP or TSD is operated, FAIL1 output becomes L SWOUT is fixed to L, and the step-up conversion is
stopped. For OCP, SWOUT is fixed to L for only 1 cycle of FOSC because of the pulse-to-pulse mode operation. For UVLO,
OVP, TSD operations, LED output pins become open (Hi-Z). When FAIL1 becomes L, LOADSW is turned off as they are
inverted to each other.
FAIL2 output becomes L when open or short is detected. The open/short detection is a latch mode, and the latch is released by
ON/OFF (UVLO) of EN. The device judges as open when LED output is lower than 0.15V (Typ.) as well as when the voltage of
OVP terminal reaches 1.7V (Typ.). The short is detected when LED output becomes more than 4.5V (Typ.). Therefore, there is
a possible scenario that short detection cannot be carried out if the difference between LED terminal voltage at the time of
being normal and LED terminal voltage at the time of being abnormal is less than 3.7V (4.5V-0.8V) (Typ.). As for short
detection hereon, if one LED in some column of LED output, for example, becomes short mode, and is in the status of nothing
but VF being low, then cathode voltage is in the status of nothing but VF being high. LED short detection and OCP are
separate protection circuits. Please take care because short detection is masked as soon as open/short is detected. However,
the open detection operates. An additional capacitance added to LED output slows down the operation and the short may be
detected.
For the two FAIL output pins, add pull-up resistors for each as they are open drain.
● Constant-current driver
Please turn off the output with LEDEN if there is constant-current driver output that is not used. The truth-table is shown below.
If constant-current driver output that is not used is not treated with LEDEN but is made open, then the open detection will
operate. Also, please do not short the driver output to GND as the inputs of the error amplifier cannot be deactivated with
LEDEN. Instead keep the driver output to open or short it to VREG.
LED EN
LED
1〉
2〉
1
2
3
4
L
L
ON
ON
ON
ON
H
L
ON
ON
ON
OFF
L
H
ON
ON
OFF
OFF
H
H
ON
OFF
OFF
OFF
OVP
OCP
TSD
UVLO
FAIL1
OPEN
SHORT
FAIL2
S Q
R
EN=OFF
(UVLO)
MASK
LED1
0.15V
GND
0.8V
Other LED output
4.5V
0.8V
Step-up voltage VOUT
VFxN+0.8V
OVP
1.7V
2.0V
LED1
Open
LED1
Off
Short detection is not turned off
because it is masked.
FAIL2


Similar Part No. - BD8108FM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
49Kb / 8P
   POWER TRANSISTORS PNP SILICON
April, 2002 ??Rev. 1
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
   Silicon PNP Transistors
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
86Kb / 5P
   Plastic High Power Silicon Transistor
November, 2007 - Rev. 4
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BD8108FM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com