Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD10DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75HVD10DRG4
Description  Optional Driver Output Transition Times for Signaling Rates (1) of 1 Mbps, 10 Mbps, and 32 mbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD10DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN75HVD10DRG4 Datasheet HTML 1Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 2Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 3Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 4Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 5Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 6Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 7Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 8Page - Texas Instruments SN75HVD10DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505K
– FEBRUARY 2002 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PACKAGE
SIGNALING
UNIT LOADS
TA
SOIC MARKING
RATE
SOIC(1)
PDIP
32 Mbps
1/2
SN65HVD10D
SN65HVD10P
VP10
10 Mbps
1/8
–40°C to 85°C
SN65HVD11D
SN65HVD11P
VP11
1 Mbps
1/8
SN65HVD12D
SN65HVD12P
VP12
32 Mbps
1/2
SN75HVD10D
SN75HVD10P
VN10
10 Mbps
1/8
–0°C to 70°C
SN75HVD11D
SN75HVD11P
VN11
1 Mbps
1/8
SN75HVD12D
SN75HVD12P
VN12
32 Mbps
1/2
SN65HVD10QD
SN65HVD10QP
VP10Q
–40°C to 125°C
10 Mbps
1/8
SN65HVD11QD
SN65HVD11QP
VP11Q
(1)
The D package is available taped and reeled. Add an R suffix to the part number (i.e., SN75HVD11DR).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1) (2)
UNIT
VCC
Supply voltage range
–0.3 V to 6 V
Voltage range at A or B
–9 V to 14 V
Input voltage range at D, DE, R or RE
–0.5 V to VCC + 0.5 V
Voltage input range, transient pulse, A and B, through 100
Ω, see Figure 11
–50 V to 50 V
IO
Receiver output current
–11 mA to 11 mA
A, B, and GND
±16 kV
Human body model(3)
Electrostatic
All pins
±4 kV
discharge
Charged-device model(4)
All pins charge
±1 kV
Continuous total power dissipation
See Dissipation Rating Table
Electrical Fast Transient/Burst(5)
A, B, and GND
±4 kV
TJ
Junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A and IEC 60749-26.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
(5)
Tested in accordance with IEC 61000-4-4.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
TA = 125°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D(2)
597 mW
4.97 mW/
°C
373 mW
298 mW
100 mW
D(3)
990 mW
8.26 mW/
°C
620 mW
496 mW
165 mW
P
1290 mW
10.75 mW/
°C
806 mW
645 mW
215 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
Tested in accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
Tested in accordance with the High-K thermal metric definitions of EIA/JESD51-7.
2
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10, SN65HVD10Q, SN75HVD10 SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12


Similar Part No. - SN75HVD10DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD10DRG4 TI-SN75HVD10DRG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD10DRG4

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5612-LF BOTHHAND-S5612-LF Datasheet
597Kb / 1P
   Operating transmission rates: 1 to 7 Mbps.
logo
Renesas Technology Corp
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
logo
Texas Instruments
ISO7241A-EP TI1-ISO7241A-EP Datasheet
450Kb / 17P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8661AB-B-IS1 SILABS-SI8661AB-B-IS1 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
Texas Instruments
ISO7242ADWRG4 TI1-ISO7242ADWRG4 Datasheet
1Mb / 21P
[Old version datasheet]   1-Mbps QUAD DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com