Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF06U20DP Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FFPF06U20DP
Description  FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF06U20DP Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FFPF06U20DP Datasheet HTML 1Page - Fairchild Semiconductor FFPF06U20DP Datasheet HTML 2Page - Fairchild Semiconductor FFPF06U20DP Datasheet HTML 3Page - Fairchild Semiconductor FFPF06U20DP Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
  


" -'-  ) 
@1  -

 


 

   
A


 



  !"#A


   
$ %&
$ %'
$ %(
)!"
!)*"
+
,
 
 (>?';0+%?="+;';;'"(;B(""+0 C;( %B;'*"(+="="(;%+";"+ %D
+?="'(;;%"+0+;;> E>"D2=%"+%+?;'B% (>??+;'%+" ''=0; %D
> E>"D '%B+="+"(; > "+%+=';+ %D+?="+="?;'E;?(;;%F
%;"(;?+;'"+%;D %D>;%';=%?;"' ";%"B("'2%+"(;B("'++"(;'
 
 (>?G' +?="' ; %+" ="(+H;? + ='; ' " > +0+%;%"' % >; '=+"
?;;' + 'D'";0' *"(+=" "(; ;I;'' *"";% + > +  (>? ';0+%?="+
%";% "+% >
 J
> 7-7-
289 -@72
8@9  289 -
7   
   @2  @ @7 1 
 K 7 
 -7- 
  7-     -  @
@71   
7-27
 

!"#$
$
!#
-
-
?
"
 -'-7
7- 
-7
 
"-72
 -7@ @
'- -
7- -

%%
  
"
'- -
7- -
+@
% 
" 
@ @7- 
"-7


Similar Part No. - FFPF06U20DP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF06U20DPTU FAIRCHILD-FFPF06U20DPTU Datasheet
114Kb / 4P
   Ultrafast with soft recovery
More results

Similar Description - FFPF06U20DP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF06F20DN FAIRCHILD-FFPF06F20DN Datasheet
117Kb / 4P
   FAST RECOVERY POWER RECTIFIER
FFPF15U20DP FAIRCHILD-FFPF15U20DP Datasheet
114Kb / 4P
   FAST RECOVERY POWER RECTIFIER
FFP06U20DN FAIRCHILD-FFP06U20DN Datasheet
107Kb / 4P
   FAST RECOVERY POWER RECTIFIER
FFPF06U20DN FAIRCHILD-FFPF06U20DN Datasheet
109Kb / 4P
   FAST RECOVERY POWER RECTIFIER
FFPF10U20DP FAIRCHILD-FFPF10U20DP Datasheet
109Kb / 4P
   FAST RECOVERY POWER RECTIFIER
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
59Kb / 1P
   FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10U20DPTU FAIRCHILD-FFPF10U20DPTU Datasheet
117Kb / 4P
   FAST RECOVERY POWER RECTIFIER
FFP15U20DN FAIRCHILD-FFP15U20DN Datasheet
113Kb / 4P
   FAST RECOVERY POWER RECTIFIER
FFPF15U20DN FAIRCHILD-FFPF15U20DN Datasheet
114Kb / 4P
   FAST RECOVERY POWER RECTIFIER
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com