Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA602BM1 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA602BM1
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602BM1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA602BM1 Datasheet HTML 4Page - Texas Instruments OPA602BM1 Datasheet HTML 5Page - Texas Instruments OPA602BM1 Datasheet HTML 6Page - Texas Instruments OPA602BM1 Datasheet HTML 7Page - Texas Instruments OPA602BM1 Datasheet HTML 8Page - Texas Instruments OPA602BM1 Datasheet HTML 9Page - Texas Instruments OPA602BM1 Datasheet HTML 10Page - Texas Instruments OPA602BM1 Datasheet HTML 11Page - Texas Instruments OPA602BM1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OPA602
8
SBOS155A
www.ti.com
VV
BB
B
B
VV
V
VV
OUT
REF
REF
OUT
REF
=−
+
+
+
+


−≤
≤ +
≤≤ −
12
3
12
2
4
8
4096
10
10
0
4095
4096
L
Where: BN = 1 if the BN digital input is high.
BN = 0 if the BN digital input is low.
APPLICATION CIRCUITS
FIGURE 2. Offset Voltage Trim.
FIGURE 3. Voltage Output Digital-to-Analog Converter.
3
6
2
OPA602
5
1
4
7
+V
S
–V
S
(1)
±10mV Typical
Trim Range
2
OPA602
V
OUT
4
5 6 7
8
9 10 11 12 13 14 15
DAC7541A
16
17
V
REFERENCE
+15V
Out 2
R
F
Out 1
C
1 15pF
3
–V
CC
B
1
••
• B
12
MSB
1
18
Single-Point Ground
100k
FIGURE 4. Settling Time and Slew Rate Test Circuit.
Output
+15V
2k
47pF
2k
–15V
OPA602
High-Quality
Pulse Generator
Pulse In
±5V
2k
1
µF Tantalum
1
µF Tantalum
+
+
2k
51
C
L
500pF
1
µF
+
+
+
1
µF
1
µF
1
µF
(2)
HP 5082-2835
+15V
1/2 2N5564
1/2 2N5564
–15V
+
510
510
50
Error Out
±0.5mV
(0.01%)
NOTE: (1) 10k
Ω to 1MΩ trim potentiometer (100kΩ recommended).


Similar Part No. - OPA602BM1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602BM BURR-BROWN-OPA602BM Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA602BM1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com