Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2541SMQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2541SMQ
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2541SMQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2541SMQ Datasheet HTML 4Page - Texas Instruments OPA2541SMQ Datasheet HTML 5Page - Texas Instruments OPA2541SMQ Datasheet HTML 6Page - Texas Instruments OPA2541SMQ Datasheet HTML 7Page - Texas Instruments OPA2541SMQ Datasheet HTML 8Page - Texas Instruments OPA2541SMQ Datasheet HTML 9Page - Texas Instruments OPA2541SMQ Datasheet HTML 10Page - Texas Instruments OPA2541SMQ Datasheet HTML 11Page - Texas Instruments OPA2541SMQ Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
OPA2541
8
FIGURE 8. Limiting Output Current.
FIGURE 7. Bridge Amplifier Motor-Speed Controller.
V
IN
L
+V
S
750mA Continuous
–V
S
NOTE: (1) Midwest Components Inc. 288D01006
(1)
0.1
0.6
5k
5k
EMF
PMI MOD907
10k
10k
10k
25k
25k
25k
25k
+15V
–15V
74
13
52
–35V
+35V
Regulation
Adjust
V
IN
1/2
OPA2541
1/2
OPA2541
INA105KP
6
10k


Similar Part No. - OPA2541SMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2541SMQ TI1-OPA2541SMQ Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541SMQ

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com