Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA361AIDCKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA361AIDCKTG4
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA361AIDCKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA361AIDCKTG4 Datasheet HTML 1Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 2Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 3Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 4Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 5Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 6Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 7Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 8Page - Texas Instruments OPA361AIDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
D EXCELLENT VIDEO PERFORMANCE
D INTERNAL GAIN: 5.2V/V
D SUPPORTS TV-DETECTION
D COMPATIBLE WITH OMAP242x and
DAVINCI
E PROCESSORS
D 2-POLE RECONSTRUCTION FILTER
D INPUT RANGE INCLUDES GROUND
− DC-Coupled Input
D INTEGRATED LEVEL SHIFTER
− DC-Coupled Output(1)
− No Output Capacitors Needed
D RAIL-TO-RAIL OUTPUT
D LOW QUIESCENT CURRENT: 5.3mA
D SHUTDOWN CURRENT: 1.5mA
D SINGLE-SUPPLY: 2.5V to 3.3V
D SC70-6 PACKAGE: 2.0mm x 2.1mm
D RoHS COMPLIANT
(1) Internal circuitry avoids output saturation, even with 0V sync tip
level at the input video signal.
APPLICATIONS
D CAMERA PHONES
DESCRIPTION
The OPA361 high-speed amplifier is optimized for 3V
portable video applications. It is specifically designed to be
compatible with the video encoders embedded in Texas
Instruments’ OMAP2420 and DaVinci processors or other
application processors with 0.5VPP video output. The input
common-mode range includes GND, which allows a
video-DAC (digital-to-analog converter) to be DC-coupled
to the OPA361. The TV-detection feature simplifies the
end-user
interface
significantly
by
facilitating
the
automatic start/stop of video transmission.
The output swings within 5mV of GND and 250mV to V+
with a standard back-terminated video load (150
Ω). An
internal level shift circuit prevents the output from
saturating with 0V input, thus preventing sync-pulse
clipping in common video circuits. Therefore, the OPA361
is ideally suited for DC-coupling to the video load.
The OPA361 has been optimized for space-sensitive
applications by integrating internal gain setting resistors
(G = 5.2V/V) and a 2-pole video-DAC reconstruction filter.
In shutdown mode, the quiescent current is reduced to
< 1.5
µA, dramatically reducing power consumption and
prolonging battery life.
The OPA361 is available in the tiny 2mm x 2.1mm SC70-6
package.
RELATED LOW VOLTAGE VIDEO AMPS
FEATURES
PRODUCT
2.7V to 3.3V, 70MHz, 6mA IQ, 5µA Sleep, SC70
OPA358
2.7V to 3.3V, Filter, SAG, G = 2, 5
µA Sleep, SC70
OPA360
2.7V to 5.5V, 200MHz, 300V/
µs, 6µA Sleep, SOT23
OPA355
2.7V to 5.5V, 100MHz, 150V/
µs, 6µA Sleep, SOT23
OPA357
DAVINCI is a registered trademark of Texas Instruments. All other trademarks are the property of their respective owners.
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
3V VIDEO AMPLIFIER
with Internal Gain and Filter in SC70
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
2−Pole
Filter
Shutdown
Control
75
4k
(see note 1)
G = 5.2V/V
R
SET
+In
Enable
GND
Out
V+
OPA361
500
10mV
(1) Closed when enabled during normal operation; open when shut down.


Similar Part No. - OPA361AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
More results

Similar Description - OPA361AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA362 TI-OPA362 Datasheet
708Kb / 18P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
   Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
   1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com