Electronic Components Datasheet Search |
|
OPA361AIDCKT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
OPA361AIDCKT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page OPA361 SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006 www.ti.com 2 ORDERING INFORMATION(1) PRODUCT PACKAGE PACKAGE DESIGNATOR PACKAGE MARKING OPA361 SC70-6 DCK AUY OPA361 SC70-6 DCK AUY (1) For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see the TI website at www.ti.com. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ABSOLUTE MAXIMUM RATINGS(1) Supply Voltage, V+ to V− +3.6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Signal Input Terminals, Voltage(2) −0.5V to (V+) + 0.5V . . . . . . . . Current(2) ±10mA . . . . . . . . . . . . . . . . . . . Output Short-Circuit through 75 Ω to GND(3) Continuous . . . . . . . Operating Temperature −40 °C to +125°C . . . . . . . . . . . . . . . . . . . . . Storage Temperature −65 °C to +150°C . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature +160 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ESD Rating: Human Body Model 5000V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Machine Model 400V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Charged Device Model 2000V . . . . . . . . . . . . . . . . . . . . . . . . . . . . (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current-limited to 10mA or less. (3) Short-circuit to ground. PIN CONFIGURATION Top View SC70 1 2 3 6 5 4 V+ Enable Out +In GND R SET NOTE: The location of pin 1 on the OPA361 is determined by orienting the package marking as shown in the diagram above. |
Similar Part No. - OPA361AIDCKT |
|
Similar Description - OPA361AIDCKT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |